전자부품 데이터시트 검색엔진 |
|
MC100EL04DTG 데이터시트(PDF) 3 Page - ON Semiconductor |
|
MC100EL04DTG 데이터시트(HTML) 3 Page - ON Semiconductor |
3 / 8 page MC10EL04, MC100EL04 http://onsemi.com 3 Table 4. 10EL SERIES NECL DC CHARACTERISTICS VCC = 0.0 V; VEE = −5.0 V (Note 3) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 14 17 14 17 14 17 mA VOH Output HIGH Voltage (Note 4) −1080 −990 −890 −980 −895 −810 −910 −815 −720 mV VOL Output LOW Voltage (Note 4) −1950 −1800 −1650 −1950 −1790 −1630 −1950 −1773 −1595 mV VIH Input HIGH Voltage −1230 −890 −1130 −810 −1060 −720 mV VIL Input LOW Voltage −1950 −1500 −1950 −1480 −1950 −1445 mV IIH Input HIGH Current D0 D1 250 150 250 150 250 150 mA IIL Input LOW Current 0.5 0.5 0.3 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 3. Input and output parameters vary 1:1 with VCC. VEE can vary +0.25 V / −0.5 V for +25°C and +85°C or VEE can vary +0.06 V / −0.5 V for −40°C. 4. Outputs are terminated through a 50 W resistor to VCC − 2.0 V. Table 5. 100EL SERIES PECL DC CHARACTERISTICS VCC = 5.0 V; VEE = 0.0 V (Note 5) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 14 17 14 17 16 20 mA VOH Output HIGH Voltage (Note 6) 3915 3995 4120 3975 4045 4120 3975 4050 4120 mV VOL Output LOW Voltage (Note 6) 3170 3305 3445 3190 3295 3380 3190 3295 3380 mV VIH Input HIGH Voltage 3835 4120 3835 4120 3835 4120 mV VIL Input LOW Voltage 3190 3525 3190 3525 3190 3525 mV IIH Input HIGH Current D0 D1 250 150 250 150 250 150 mA IIL Input LOW Current 0.5 0.5 0.5 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 5. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / −0.5 V. 6. Outputs are terminated through a 50 W resistor to VCC − 2.0 V. |
유사한 부품 번호 - MC100EL04DTG |
|
유사한 설명 - MC100EL04DTG |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |