전자부품 데이터시트 검색엔진 |
|
MJ15002G 데이터시트(PDF) 2 Page - ON Semiconductor |
|
MJ15002G 데이터시트(HTML) 2 Page - ON Semiconductor |
2 / 4 page MJ15001 (NPN), MJ15002 (PNP) http://onsemi.com 2 ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted) Characteristic Symbol Min Max Unit OFF CHARACTERISTICS Collector−Emitter Sustaining Voltage (Note 1) (IC, = 200 mAdc, IB = 0) VCEO(sus) 140 − Vdc Collector Cutoff Current (VCE = 140 Vdc, VBE(off) = 1.5 Vdc) (VCE = 140 Vdc, VBE(off) = 1.5 Vdc, TC = 150°C) ICEX − − 100 2.0 mAdc mAdc Collector Cutoff Current (VCE = 140 Vdc, IB = 0) ICEO − 250 mAdc Emitter Cutoff Current (VEB = 5 Vdc, IC = 0) IEBO − 100 mAdc SECOND BREAKDOWN Second Breakdown Collector Current with Base Forward Biased (VCE = 40 Vdc, t = 1 s (non−repetitive)) (VCE = 100 Vdc, t = 1 s (non−repetitive)) IS/b 5.0 0.5 − − Adc ON CHARACTERISTICS DC Current Gain (IC = 4 Adc, VCE = 2 Vdc) hFE 25 150 − Collector−Emitter Saturation Voltage (IC = 4 Adc, IB = 0.4 Adc) VCE(sat) − 1.0 Vdc Base−Emitter On Voltage (IC = 4 Adc, VCE = 2 Vdc) VBE(on) − 2.0 Vdc DYNAMIC CHARACTERISTICS Current−Gain — Bandwidth Product (IC = 0.5 Adc, VCE = 10 Vdc, ftest = 0.5 MHz) fT 2.0 − MHz Output Capacitance (VCB = 10 Vdc, IE = 0, ftest = 1 MHz) Cob − 1000 pF 1. Pulse Test: Pulse Width = 300 ms, Duty Cycle v 2%. 5 Figure 1. Active−Region Safe Operating Area VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS) 5 7 10 200 10 2 2 3 50 70 100 20 30 7 200 1 3 0.5 0.2 0.7 0.3 TC = 25°C TJ = 200°C BONDING WIRE LIMITED THERMAL LIMITATION (SINGLE PULSE) SECOND BREAKDOWN LIMITED CURVES APPLY BELOW RATED VCEO There are two limitations on the power handling ability of a transistor: average junction temperature and second breakdown. Safe operating area curves indicate IC − VCE limits of the transistor that must be observed for reliable operation; i.e., the transistor must not be subjected to greater dissipation than the curves indicate. The data of Figure 1 is based on TJ (pk) = 200°C; TC is variable depending on conditions. At high case temperatures, thermal limitations will reduce the power that can be handled to values less than the limitations imposed by second breakdown. |
유사한 부품 번호 - MJ15002G |
|
유사한 설명 - MJ15002G |