전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJD112 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MJD112
상세설명  Complementary Darlington Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD112 데이터시트(HTML) 3 Page - ON Semiconductor

  MJD112_06 Datasheet HTML 1Page - ON Semiconductor MJD112_06 Datasheet HTML 2Page - ON Semiconductor MJD112_06 Datasheet HTML 3Page - ON Semiconductor MJD112_06 Datasheet HTML 4Page - ON Semiconductor MJD112_06 Datasheet HTML 5Page - ON Semiconductor MJD112_06 Datasheet HTML 6Page - ON Semiconductor MJD112_06 Datasheet HTML 7Page - ON Semiconductor MJD112_06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MJD112 (NPN) MJD117 (PNP)
http://onsemi.com
3
Figure 3. Thermal Response
t, TIME OR PULSE WIDTH (ms)
1
0.01
1000
0.3
0.2
0.07
RqJC(t) = r(t) RqJC
RqJC = 6.25°C/W
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.01
0.7
0.5
0.1
0.05
0.03
0.02
0.02 0.03
0.05
0.1
0.2 0.3
0.5
1
2
3
5
10
20
30
50
100
200 300
500
0.2
SINGLE PULSE
D = 0.5
0.05
0.1
0.01
Figure 4. Maximum Rated Forward Biased
Safe Operating Area
Figure 5. Power Derating
2
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
0.3
100
5
2
0.5
0.2
BONDING WIRE LIMITED
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
520
3
TJ = 150°C
CURVES APPLY BELOW RATED VCEO
100
ms
1ms
dc
0.1
1
3
7
10
10
730
25
25
T, TEMPERATURE (
°C)
0
50
75
100
125
15
20
15
10
5
2.5
0
2
1.5
1
0.5
TA TC
TA
SURFACE
MOUNT
TC
0.7
5ms
50
70
200
500
ms
ACTIVE−REGION SAFE−OPERATING AREA
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation; i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figures 5 and 6 is based on TJ(pk) = 150_C; TC
is variable depending on conditions. Second breakdown
pulse limits are valid for duty cycles to 10% provided
TJ(pk) < 150_C. TJ(pk) may be calculated from the data in
Figure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
VR, REVERSE VOLTAGE (VOLTS)
Cib
0.04
30
1
4
10
40
TC = 25°C
200
10
50
70
100
0.1
2
6
20
20
PNP
NPN
0.6
0.4
0.2
0.06
Figure 6. Capacitance
Cob


유사한 부품 번호 - MJD112_06

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
MJD112 FAIRCHILD-MJD112_06 Datasheet
153Kb / 5P
   NPN Silicon Darlington Transistor
More results

유사한 설명 - MJD112_06

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
MJD122-1 STMICROELECTRONICS-MJD122-1 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
NJVMJD112 ONSEMI-NJVMJD112 Datasheet
153Kb / 10P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
logo
STMicroelectronics
TIP122FP STMICROELECTRONICS-TIP122FP_09 Datasheet
646Kb / 11P
   Complementary power Darlington transistors
logo
ON Semiconductor
MJE700 ONSEMI-MJE700 Datasheet
256Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
STMicroelectronics
TIP142 STMICROELECTRONICS-TIP142 Datasheet
166Kb / 8P
   Complementary power Darlington transistors
2STW100 STMICROELECTRONICS-2STW100 Datasheet
121Kb / 7P
   Complementary power Darlington transistors
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_V01 Datasheet
207Kb / 11P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
logo
STMicroelectronics
MJD122T4 STMICROELECTRONICS-MJD122T4 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
STX112 STMICROELECTRONICS-STX112 Datasheet
343Kb / 9P
   Complementary power Darlington transistors
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122 Datasheet
137Kb / 8P
   Complementary Darlington Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com