전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJE5740 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MJE5740
상세설명  NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5740 데이터시트(HTML) 1 Page - ON Semiconductor

  MJE5740_06 Datasheet HTML 1Page - ON Semiconductor MJE5740_06 Datasheet HTML 2Page - ON Semiconductor MJE5740_06 Datasheet HTML 3Page - ON Semiconductor MJE5740_06 Datasheet HTML 4Page - ON Semiconductor MJE5740_06 Datasheet HTML 5Page - ON Semiconductor MJE5740_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 6
1
Publication Order Number:
MJE5740/D
MJE5740, MJE5742
MJE5742 is a Preferred Device
NPN Silicon Power
Darlington Transistors
The MJE5740 and MJE5742 Darlington transistors are designed for
high−voltage power switching in inductive circuits.
Features
Pb−Free Packages are Available*
Applications
Small Engine Ignition
Switching Regulators
Inverters
Solenoid and Relay Drivers
Motor Controls
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
MJE5740
MJE5742
VCEO(sus)
300
400
Vdc
Collector−Emitter Voltage
MJE5740
MJE5742
VCEV
600
800
Vdc
Emitter−Base Voltage
VEB
8
Vdc
Collector Current
− Continuous
− Peak (Note 1)
IC
ICM
8
16
Adc
Base Current
− Continuous
− Peak (Note 1)
IB
IBM
2.5
5
Adc
Total Device Dissipation @ TC = 25_C
Derate above 25
°C
PD
2
16
W
W/
_C
Total Device Dissipation @ TC = 25_C
Derate above 25
°C
PD
80
640
W
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−65 to +150
_C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
1.25
_C/W
Thermal Resistance, Junction−to−Ambient
RqJA
62.5
_C/W
Maximum Lead Temperature for Soldering
Purposes 1/8
″ from Case for 5 Seconds
TL
275
_C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Pulse Test: Pulse Width = 5 ms, Duty Cycle
≤ 10%.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
POWER DARLINGTON
TRANSISTORS
8 AMPERES
300−400 VOLTS
80 WATTS
TO−220AB
CASE 221A−09
STYLE 1
1
http://onsemi.com
2
3
Preferred devices are recommended choices for future use
and best overall value.
≈ 100
≈ 50
MARKING
DIAGRAM
MJE574x
= Device Code
x = 0 or 2
G
= Pb−Free Package
A
= Assembly Location
Y
= Year
WW
= Work Week
MJE574xG
AY WW
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


유사한 부품 번호 - MJE5740_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MJE5740G ONSEMI-MJE5740G Datasheet
89Kb / 6P
   NPN Silicon Power Darlington Transistors
January, 2015 ??Rev. 12
MJE5740 ONSEMI-MJE5740_15 Datasheet
89Kb / 6P
   NPN Silicon Power Darlington Transistors
January, 2015 ??Rev. 12
More results

유사한 설명 - MJE5740_06

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
MJD44E3 MOTOROLA-MJD44E3 Datasheet
80Kb / 4P
   NPN DARLINGTON SILICON POWER TRANSISTOR 10 AMPERES 80 VOLTS 20 WATTS
logo
ON Semiconductor
2N6387 ONSEMI-2N6387_06 Datasheet
79Kb / 6P
   Plastic Medium?뭁ower Silicon Transistors DARLINGTON NPN SILICON POWER TRANSISTORS 8 AND 10 AMPERES 65 WATTS, 60 ??80 VOLTS
August, 2006 ??Rev. 12
logo
Motorola, Inc
BU522B MOTOROLA-BU522B Datasheet
105Kb / 4P
   7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS
logo
ON Semiconductor
MJF44H11 ONSEMI-MJF44H11_06 Datasheet
115Kb / 5P
   SILICON POWER TRANSISTORS 10 AMPERES 80 VOLTS, 36 WATTS
April, 2006 ??Rev. 4
logo
Motorola, Inc
MJD6036 MOTOROLA-MJD6036 Datasheet
270Kb / 6P
   SILICON POWER TRANSISTORS 4 AMPERES 80 VOLTS 20 WATTS
MJE5850 MOTOROLA-MJE5850 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5850 ONSEMI-MJE5850_06 Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com