전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100EP445FAG 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC100EP445FAG
상세설명  3.3V/5V ECL 8?묪it Serial/Parallel Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP445FAG 데이터시트(HTML) 1 Page - ON Semiconductor

  MC100EP445FAG Datasheet HTML 1Page - ON Semiconductor MC100EP445FAG Datasheet HTML 2Page - ON Semiconductor MC100EP445FAG Datasheet HTML 3Page - ON Semiconductor MC100EP445FAG Datasheet HTML 4Page - ON Semiconductor MC100EP445FAG Datasheet HTML 5Page - ON Semiconductor MC100EP445FAG Datasheet HTML 6Page - ON Semiconductor MC100EP445FAG Datasheet HTML 7Page - ON Semiconductor MC100EP445FAG Datasheet HTML 8Page - ON Semiconductor MC100EP445FAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 11
1
Publication Order Number:
MC10EP445/D
MC10EP445, MC100EP445
3.3V/5VECL 8−Bit
Serial/Parallel Converter
Description
The MC10/100EP445 is an integrated 8–bit differential serial to
parallel data converter with asynchronous data synchronization. The
device has two modes of operation. CKSEL HIGH mode is designed
to operate NRZ data rates of up to 3.3 Gb/s, while CKSEL LOW mode
is designed to operate at twice the internal clock data rate of up to
5.0 Gb/s. The conversion sequence was chosen to convert the first
serial bit to Q0, the second bit to Q1, etc. Two selectable differential
serial inputs, which are selected by SINSEL, provide this device with
loop−back testing capability. The MC10/100EP445 has a SYNC pin
which, when held high for at least two consecutive clock cycles, will
swallow one bit of data shifting the start of the conversion data from
Dn to Dn+1. Each additional shift requires an additional pulse to be
applied to the SYNC pin.
Control pins are provided to reset and disable internal clock
circuitry. Additionally, VBB pin is provided for single−ended input
condition.
The 100 Series contains temperature compensation.
Features
1530 ps Propagation Delay
5.0 Gb/s Typical Data Rate for CLKSEL LOW Mode
Differential Clock and Serial Inputs
VBB Output for Single-Ended Input Applications
Asynchronous Data Synchronization (SYNC)
Asynchronous Master Reset (RESET)
PECL Mode Operating Range: VCC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −5.5 V
Open Input Default State
CLK ENABLE Immune to Runt Pulse Generation
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
LQFP−32
FA SUFFIX
CASE 873A
MARKING
DIAGRAM*
*For additional marking information, refer to
Application Note AND8002/D.
http://onsemi.com
MCxxx
EP445
AWLYYWWG
xxx
= 10 or 100
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 16 of this data sheet.
ORDERING INFORMATION


유사한 부품 번호 - MC100EP445FAG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EP445FAG ONSEMI-MC100EP445FAG Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
More results

유사한 설명 - MC100EP445FAG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP016 ONSEMI-MC10EP016_06 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC10EP446 ONSEMI-MC10EP446 Datasheet
173Kb / 20P
   3.3V/5V 8짯Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2004 ??Rev. 5
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC10EP451 ONSEMI-MC10EP451_06 Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC74HC164A ONSEMI-MC74HC164A_06 Datasheet
184Kb / 11P
   8?묪it Serial?묲nput/Parallel?뭀utput Shift Register
October, 2006 ??Rev. 4
MC10EP446 ONSEMI-MC10EP446_14 Datasheet
191Kb / 20P
   8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2014 ??Rev. 11
MC10E155 ONSEMI-MC10E155_06 Datasheet
126Kb / 8P
   5V ECL 6?묪it 2:1 Mux?묹atch
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com