전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10EP446MNR4G 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 MC10EP446MNR4G
상세설명  3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP446MNR4G 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button MC10EP446MNR4G Datasheet HTML 6Page - ON Semiconductor MC10EP446MNR4G Datasheet HTML 7Page - ON Semiconductor MC10EP446MNR4G Datasheet HTML 8Page - ON Semiconductor MC10EP446MNR4G Datasheet HTML 9Page - ON Semiconductor MC10EP446MNR4G Datasheet HTML 10Page - ON Semiconductor MC10EP446MNR4G Datasheet HTML 11Page - ON Semiconductor MC10EP446MNR4G Datasheet HTML 12Page - ON Semiconductor MC10EP446MNR4G Datasheet HTML 13Page - ON Semiconductor MC10EP446MNR4G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MC10EP446, MC100EP446
http://onsemi.com
10
Table 13. AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 20)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Frequency
(Figure 15)
CKSEL High
CKSEL Low
3.2
1.6
3.4
1.7
3.2
1.6
3.4
1.7
3.2
1.6
3.4
1.7
GHz
tPLH,
tPHL
Propagation Delay to Output Differential
CKSEL = 0
CLK TO SOUT,
CLK TO PCLK
650
700
750
800
850
900
700
750
800
850
900
950
725
775
850
900
975
1025
ps
CKSEL = 1
CLK TO SOUT,
CLK TO PCLK
775
850
875
950
975
1050
825
900
925
1000
1025
1100
875
950
1000
1075
1125
1200
ps
tS
Setup Time
D to CLK+
(Figure 4)
SYNC− to CLK−
(Figure 5)
CKEN+ to CLK−
(Figure 6)
−375
200
70
−425
140
40
−400
200
70
−450
140
40
−450
200
70
−500
140
40
ps
th
Hold Time
D to CLK+
(Figure 4)
SYNC− to CLK−
CLK− to CKEN−
(Figure 6)
−525
0
75
−575
45
−550
0
75
−600
45
−600
0
75
−650
45
ps
tpw
Minimum Pulse Width (Note 22)
Data (D0−D7)
SYNC
CKEN
150
200
145
150
200
145
150
200
145
ps
tJITTER
Random Clock Jitter (RMS)
v fmax Typ
0.2
< 1
0.2
< 1
0.2
< 1
ps
VPP
Input Differential Voltage Swing
(Note 21)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times
SOUT
(20% − 80%)
50
100
150
70
120
170
90
140
190
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
20.Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V.
21.VPP(min) is the minimum input swing for which AC parameters are guaranteed.
22.The minimum pulse width is valid only if the setup and hold times are respected.


유사한 부품 번호 - MC10EP446MNR4G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EP446MNR4G ONSEMI-MC10EP446MNR4G Datasheet
191Kb / 20P
   8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2014 ??Rev. 11
More results

유사한 설명 - MC10EP446MNR4G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EP446 ONSEMI-MC10EP446_14 Datasheet
191Kb / 20P
   8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2014 ??Rev. 11
MC10EP446 ONSEMI-MC10EP446 Datasheet
173Kb / 20P
   3.3V/5V 8짯Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2004 ??Rev. 5
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP142 ONSEMI-MC10EP142 Datasheet
176Kb / 13P
   3.3 V / 5 V ECL 9-Bit Shift Register
November, 2006 ??Rev. 16
MC100EP142 ONSEMI-MC100EP142 Datasheet
219Kb / 11P
   3.3 V/5 V ECL 9-Bit Shift Register
April, 2021 ??Rev. 19
logo
Exar Corporation
MP7543 EXAR-MP7543 Datasheet
128Kb / 12P
   5 V CMOS Serial Input 12-Bit Digital-to-Analog Converter
logo
ON Semiconductor
MC100LVEL90 ONSEMI-MC100LVEL90_16 Datasheet
149Kb / 5P
   -3.3V / -5V Triple ECL Input to LVPECL Output Translator
July, 2016 ??Rev. 12
MC100EPT25 ONSEMI-MC100EPT25_16 Datasheet
166Kb / 8P
   -3.3V / -5V Differential ECL to 3.3V LVTTL Translator
August, 2016 ??Rev. 17
MC10E137 ONSEMI-MC10E137_06 Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com