전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10H104M 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC10H104M
상세설명  Quad 2?묲nput AND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H104M 데이터시트(HTML) 1 Page - ON Semiconductor

  MC10H104M Datasheet HTML 1Page - ON Semiconductor MC10H104M Datasheet HTML 2Page - ON Semiconductor MC10H104M Datasheet HTML 3Page - ON Semiconductor MC10H104M Datasheet HTML 4Page - ON Semiconductor MC10H104M Datasheet HTML 5Page - ON Semiconductor MC10H104M Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 8
1
Publication Order Number:
MC10H104/D
MC10H104
Quad 2−Input AND Gate
Description
The MC10H104 is a quad 2−input AND gate. One of the gates has
both AND/NAND outputs available. This MECL 10H
™ part is a
functional/pinout duplication of the standard MECL 10K
™ family
part, with 100% improvement in propagation delay, and no increase in
power− supply current.
Features
Propagation Delay, 1.0 ns Typical
Power Dissipation 25 mW/Gate (same as MECL 10K)
Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
Voltage Compensated
MECL 10K Compatible
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
CDIP−16
L SUFFIX
CASE 620A
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
SOEIAJ−16
CASE 966
16
1
16
1
MC10H104P
AWLYYWWG
1
16
MC10H104L
AWLYYWW
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G= Pb−Free Package
10H104
ALYWG
PLLC−20
FN SUFFIX
CASE 775
20 1
10H104G
AWLYYWW
120


유사한 부품 번호 - MC10H104M

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10H104 ONSEMI-MC10H104 Datasheet
94Kb / 3P
   Quad 2-Input AND Gate
REV 6
MC10H104 ONSEMI-MC10H104 Datasheet
139Kb / 5P
   Quad 2?륤nput AND Gate
August, 2016 ??Rev. 9
MC10H104FNG ONSEMI-MC10H104FNG Datasheet
139Kb / 5P
   Quad 2?륤nput AND Gate
August, 2016 ??Rev. 9
MC10H104FNR2G ONSEMI-MC10H104FNR2G Datasheet
139Kb / 5P
   Quad 2?륤nput AND Gate
August, 2016 ??Rev. 9
MC10H104PG ONSEMI-MC10H104PG Datasheet
139Kb / 5P
   Quad 2?륤nput AND Gate
August, 2016 ??Rev. 9
More results

유사한 설명 - MC10H104M

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A_06 Datasheet
95Kb / 6P
   Quad 2?묲nput AND Gate
March, 2006 ??Rev. 5
MC74VHC08 ONSEMI-MC74VHC08 Datasheet
92Kb / 6P
   Quad 2?묲nput AND Gate
November, 2005 ??Rev. 6
NLSF308 ONSEMI-NLSF308_06 Datasheet
66Kb / 5P
   Quad 2?묲nput AND Gate
May, 2006 ??Rev. 4
MC74AC08 ONSEMI-MC74AC08_06 Datasheet
140Kb / 9P
   Quad 2?묲nput AND Gate
October, 2006 ??Rev. 8
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
92Kb / 6P
   Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
MC74AC00 ONSEMI-MC74AC00 Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
MC74AC02 ONSEMI-MC74AC02 Datasheet
141Kb / 10P
   Quad 2?묲nput NOR Gate
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com