전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10H105 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MC10H105
상세설명  Triple 2?????묲nput OR/NOR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H105 데이터시트(HTML) 3 Page - ON Semiconductor

  MC10H105_06 Datasheet HTML 1Page - ON Semiconductor MC10H105_06 Datasheet HTML 2Page - ON Semiconductor MC10H105_06 Datasheet HTML 3Page - ON Semiconductor MC10H105_06 Datasheet HTML 4Page - ON Semiconductor MC10H105_06 Datasheet HTML 5Page - ON Semiconductor MC10H105_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC10H105
http://onsemi.com
3
Table 3. AC CHARACTERISTICS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
0.43
1.2
0.4
1.2
0.4
1.3
ns
tr
Rise Time
0.5
1.5
0.5
1.6
0.5
1.7
ns
tf
Fall Time
0.5
1.5
0.5
1.6
0.5
1.7
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
ORDERING INFORMATION
Device
Package
Shipping
MC10H105M
SOEIAJ−16
50 Unit / Rail
MC10H105MG
SOEIAJ−16
(Pb−Free)
50 Unit / Rail
MC10H105MEL
SOEIAJ−16
2000 / Tape & Reel
MC10H105MELG
SOEIAJ−16
(Pb−Free)
2000 / Tape & Reel
MC10H105FN
PLLC−20
46 Units / Rail
MC10H105FNG
PLLC−20
(Pb−Free)
46 Units / Rail
MC10H105FNR2
PLLC−20
500 / Tape & Reel
MC10H105FNR2G
PLLC−20
(Pb−Free)
500 / Tape & Reel
MC10H105L
CDIP−16
25 Unit / Rail
MC10H105P
PDIP−16
25 Unit / Rail
MC10H105PG
PDIP−16
(Pb−Free)
25 Unit / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


유사한 부품 번호 - MC10H105_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10H105FNG ONSEMI-MC10H105FNG Datasheet
135Kb / 5P
   Triple 2?????륤nput OR/NOR Gate
August, 2016 ??Rev. 8
MC10H105PG ONSEMI-MC10H105PG Datasheet
135Kb / 5P
   Triple 2?????륤nput OR/NOR Gate
August, 2016 ??Rev. 8
MC10H105 ONSEMI-MC10H105_16 Datasheet
135Kb / 5P
   Triple 2?????륤nput OR/NOR Gate
August, 2016 ??Rev. 8
More results

유사한 설명 - MC10H105_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10H107 ONSEMI-MC10H107_06 Datasheet
151Kb / 6P
   Triple 2?묲nput Exclusive OR/Exclusive NOR Gate
February, 2006 ??Rev. 7
MC10H106 ONSEMI-MC10H106_06 Datasheet
150Kb / 6P
   Triple 4?????묲nput NOR Gate
February, 2006 ??Rev. 9
MC10H209 ONSEMI-MC10H209_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC10H109 ONSEMI-MC10H109_06 Datasheet
150Kb / 6P
   Dual 4???묲nput OR/NOR Gate
February, 2006 ??Rev. 7
MC10H105 ONSEMI-MC10H105_16 Datasheet
135Kb / 5P
   Triple 2?????륤nput OR/NOR Gate
August, 2016 ??Rev. 8
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC74VHC1G02DTT1G ONSEMI-MC74VHC1G02DTT1G Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
MC74AC02 ONSEMI-MC74AC02 Datasheet
141Kb / 10P
   Quad 2?묲nput NOR Gate
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com