전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10H602 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MC10H602
상세설명  9?묪it Latch TTL to ECL Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H602 데이터시트(HTML) 3 Page - ON Semiconductor

  MC10H602_06 Datasheet HTML 1Page - ON Semiconductor MC10H602_06 Datasheet HTML 2Page - ON Semiconductor MC10H602_06 Datasheet HTML 3Page - ON Semiconductor MC10H602_06 Datasheet HTML 4Page - ON Semiconductor MC10H602_06 Datasheet HTML 5Page - ON Semiconductor MC10H602_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC10H602, MC100H602
http://onsemi.com
3
Table 4. 10H ECL DC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = −5.2 V ± 5%
Symbol
Parameter
Condition
0°C
25°C
75°C
Unit
Min
Max
Min
Max
Min
Max
IINH
IINL
Input HIGH Current
Input LOW Current
0.5
255
0.5
175
0.5
175
mA
mA
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
−1170
−1950
−840
−1480
−1130
−1950
−810
−1480
−1070
−1950
−735
−1450
mV
VOH
VOL
Output HIGH Voltage
Output LOW Voltage
50 W to −2.0 V
−1020
−1950
−840
−1630
−980
−1950
−810
−1630
−920
−1950
−735
−1600
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 5. 100H ECL DC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = −4.2 V to −5.5 V
Symbol
Parameter
Condition
0°C
25°C
75°C
Unit
Min
Max
Min
Max
Min
Max
IINH
IINL
Input HIGH Current
Input LOW Current
0.5
255
0.5
175
0.5
175
mA
mA
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
−1165
−1810
−880
−1475
−1165
−1810
−880
−1475
−1165
−1810
−880
−1475
mV
VOH
VOL
Output HIGH Voltage
Output LOW Voltage
50 W to −2.0 V
−1025
−1810
−880
−1620
−1025
−1810
−880
−1620
−1025
−1810
−880
−1620
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 6. TTL DC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = −5.2 V ± 5% (10H version); VEE = −4.2 V to −5.5 V (100H
version)
Symbol
Parameter
Condition
0°C
25°C
75°C
Unit
Min
Max
Min
Max
Min
Max
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
2.0
0.8
2.0
0.8
2.0
0.8
V
V
IIH
Input HIGH Current
VIN = 2.7 V
VIN = 7.0 V
20
100
20
100
20
100
mA
IIL
Input LOW Current
VIN = 0.5 V
−0.6
−0.6
−0.6
mA
VIK
Input Clamp Voltage
IIN = −18 mA
−1.2
−1.2
−1.2
V
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


유사한 부품 번호 - MC10H602_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
   9-Bit Latch TTL/ECL Translator
1996 REV 5
More results

유사한 설명 - MC10H602_06

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10H603 ONSEMI-MC10H603_06 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
MC10H601 ONSEMI-MC10H601 Datasheet
111Kb / 6P
   9?묪it ECL to TTL Translator
November, 2006 ??Rev. 12
MC10H600 ONSEMI-MC10H600_06 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
   9-Bit Latch TTL/ECL Translator
1996 REV 5
MC10H603 ONSEMI-MC10H603 Datasheet
89Kb / 5P
   9-Bit Latch ECL/TTL Translator
1996 REV 5
MC10H600 ONSEMI-MC10H600 Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
logo
National Semiconductor ...
DP8482A NSC-DP8482A Datasheet
131Kb / 6P
   100k ECL to TTL Level Translator with Latch
DP8481 NSC-DP8481 Datasheet
110Kb / 6P
   TTL to 10k ECL Level Translator with Latch
DP8483 NSC-DP8483 Datasheet
118Kb / 6P
   TTL to 100k ECL Level Translator with Latch
logo
Texas Instruments
DP8481-N TI1-DP8481-N Datasheet
360Kb / 8P
[Old version datasheet]   DP8481 TTL to 10k ECL Level Translator with Latch
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com