전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC74ACT00DR2 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MC74ACT00DR2
상세설명  Quad 2?묲nput NAND Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT00DR2 데이터시트(HTML) 3 Page - ON Semiconductor

  MC74ACT00DR2 Datasheet HTML 1Page - ON Semiconductor MC74ACT00DR2 Datasheet HTML 2Page - ON Semiconductor MC74ACT00DR2 Datasheet HTML 3Page - ON Semiconductor MC74ACT00DR2 Datasheet HTML 4Page - ON Semiconductor MC74ACT00DR2 Datasheet HTML 5Page - ON Semiconductor MC74ACT00DR2 Datasheet HTML 6Page - ON Semiconductor MC74ACT00DR2 Datasheet HTML 7Page - ON Semiconductor MC74ACT00DR2 Datasheet HTML 8Page - ON Semiconductor MC74ACT00DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MC74AC00, MC74ACT00
http://onsemi.com
3
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
MC74AC00
Unit
Conditions
TA = +255C
TA = −405C to +855C
TA = −555C + 1255C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
3.0
4.5
5.5
1.5
2.25
2.75
2.1
3.15
3.85
2.1
3.15
3.85
2.1
3.15
3.85
V
VOUT = 0.1 V
or VCC − 0.1 V
VIL
Maximum Low Level
Input Voltage
3.0
4.5
5.5
1.5
2.25
2.75
0.9
1.35
1.65
0.9
1.35
1.65
0.9
1.35
1.65
V
VOUT = 0.1 V
or VCC − 0.1 V
VOH
Minimum High Level
Output Voltage
3.0
4.5
5.5
2.99
4.49
5.49
2.9
4.4
5.4
2.9
4.4
5.4
2.9
4.4
5.4
V
IOUT = −50 mA
3.0
4.5
5.5
2.56
3.86
4.86
2.46
3.76
4.76
2.4
3.7
4.7
V
*VIN = VIL or VIH
−12 mA
IOH
−24 mA
−24 mA
VOL
Maximum Low Level
Output Voltage
3.0
4.5
5.5
0.002
0.001
0.001
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
IOUT = 50 mA
3.0
4.5
5.5
0.36
0.36
0.36
0.44
0.44
0.44
0.5
0.5
0.5
V
*VIN = VIL or VIH
12 mA
IOL
24 mA
24 mA
IIN
Maximum Input
Leakage Current
5.5
$0.
1
$1.0
$1.0
mA
VI = VCC, GND
IOLD
†Minimum Dynamic
Output Current
5.5
75
50
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
−50
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
4.0
40
40
mA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
NOTE: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC.
AC CHARACTERISTICS (tr = tf = 3.0 nS; CL = 50 pF; see Figures 3 and 4 for Waveforms)
Symbol
Parameter
VCC*
(V)
MC74AC00
Unit
TA = +255C
TA = −405C to +855C TA = −555C to + 1255C
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
3.3
5.0
2.0
1.5
7.0
6.0
9.5
8.0
2.0
1.5
10.0
8.5
1.0
1.0
11.0
8.5
ns
tPHL
Propagation Delay
3.3
5.0
1.5
1.5
5.5
4.5
8.0
6.5
1.0
1.0
8.5
7.0
1.0
1.0
9.0
7.0
ns
*Voltage Range 3.3 V is 3.3 V $0.3 V.
Voltage Range 5.0 V is 5.0 V $0.5 V.


유사한 부품 번호 - MC74ACT00DR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74ACT00DR2G ONSEMI-MC74ACT00DR2G Datasheet
90Kb / 8P
   Quad 2-Input NAND Gate
January, 2015 ??Rev. 10
More results

유사한 설명 - MC74ACT00DR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
92Kb / 6P
   Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
NL17SZ00 ONSEMI-NL17SZ00_06 Datasheet
68Kb / 6P
   Single 2?묲nput NAND Gate
November, 2006 ??Rev. 5
NL27WZ00 ONSEMI-NL27WZ00_06 Datasheet
88Kb / 6P
   Dual 2?묲nput NAND Gate
May, 2006 ??Rev. 6
MC74VHCT132A ONSEMI-MC74VHCT132A_06 Datasheet
101Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
January, 2006 ??Rev. 4
MC14093B ONSEMI-MC14093B_06 Datasheet
160Kb / 9P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC74AC132 ONSEMI-MC74AC132 Datasheet
126Kb / 8P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
MC74VHC132 ONSEMI-MC74VHC132 Datasheet
100Kb / 6P
   Quad 2?묲nput NAND Schmitt Trigger
December, 2005 ??Rev. 3
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC74HC00A ONSEMI-MC74HC00A_06 Datasheet
140Kb / 9P
   Quad 2?묲nput NAND Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10