전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MV1820 데이터시트(PDF) 5 Page - Zarlink Semiconductor Inc

부품명 MV1820
상세설명  Video Programme Delivery Control Interface Circuit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZARLINK [Zarlink Semiconductor Inc]
홈페이지  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MV1820 데이터시트(HTML) 5 Page - Zarlink Semiconductor Inc

  MV1820 Datasheet HTML 1Page - Zarlink Semiconductor Inc MV1820 Datasheet HTML 2Page - Zarlink Semiconductor Inc MV1820 Datasheet HTML 3Page - Zarlink Semiconductor Inc MV1820 Datasheet HTML 4Page - Zarlink Semiconductor Inc MV1820 Datasheet HTML 5Page - Zarlink Semiconductor Inc MV1820 Datasheet HTML 6Page - Zarlink Semiconductor Inc MV1820 Datasheet HTML 7Page - Zarlink Semiconductor Inc MV1820 Datasheet HTML 8Page - Zarlink Semiconductor Inc MV1820 Datasheet HTML 9Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MV1820
2
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions (unless otherwise stated)
Tamb = 0 to 70˚C, VDD = 5V
± 10%
Supply voltage
Supply current
Video input
Video amplitude
Source impedance
TCR input
External resistance
BLC and WLC
Capacitor value
Capacitor tolerance
Effective series resistance
DATA I/O and SYNC I/O
Output voltage High
Output voltage Low
Input voltage Low
Input voltage High
Input current
EXT/INT
Input voltage Low
Input voltage High
Input current Low
Input current High
AS
Input voltage Low
Input voltage High
Input current Low
Input current High
XTI Input
Input current Low
Input current High
XTO Output
Output voltage High
Output voltage Low
Frequency
12
12
5
7
3 & 4
9 & 10
2
8
16
15
4.5
0.8
4.7
-10%
VDD-1.0
0
VDD-1.0
-30
0
VDD-1.0
-10
22
0
VDD-1.0
-10
22
-0.5
0.5
VDD-1.0
5.0
20
1.8
4.7
10
4.5
0.2
50
50
-5.0
5.0
4.5
0.2
27.750
5.5
25
3.0
250
200
+10%
5
0.4
0.8
VDD
+30
0.8
VDD
+10
220
1.0
VDD
+10
220
-20
20
0.4
V
mA
Vpp
k
nF
V
V
V
V
µA
V
V
µA
µA
V
V
µA
µA
µA
µA
V
V
MHz
Bottom of sync to white (pk to pk)
Connected to VDD
Connected to GND
1MHz
IOH = -1.2mA
IOL = 2.4mA
VIN = VSS or VDD
100k (nom) pull-down resistor
VIN = VSS
VIN = VDD
100k (nom) pull-down resistor
VIN = VSS
VIN = VDD
-0.3<VIN<VIL max
VIHmin<VIN<(VDD + 0.3)
IOH = -1.0mA
IOL = 2.0mA
±100ppm
Characteristic
Pin
Min
Typ
Max
Value
Units
Conditions


유사한 부품 번호 - MV1820

제조업체부품명데이터시트상세설명
logo
Mitel Networks Corporat...
MV1820 MITEL-MV1820 Datasheet
307Kb / 9P
   Video Programme Delivery Control Interface Circuit
MV1820CG MITEL-MV1820CG Datasheet
307Kb / 9P
   Video Programme Delivery Control Interface Circuit
MV1820DPAS MITEL-MV1820DPAS Datasheet
307Kb / 9P
   Video Programme Delivery Control Interface Circuit
MV1820F MITEL-MV1820F Datasheet
307Kb / 9P
   Video Programme Delivery Control Interface Circuit
MV1820MPES MITEL-MV1820MPES Datasheet
307Kb / 9P
   Video Programme Delivery Control Interface Circuit
More results

유사한 설명 - MV1820

제조업체부품명데이터시트상세설명
logo
Mitel Networks Corporat...
MV1820 MITEL-MV1820 Datasheet
307Kb / 9P
   Video Programme Delivery Control Interface Circuit
logo
NXP Semiconductors
TDA3504 PHILIPS-TDA3504 Datasheet
108Kb / 12P
   Video control combination circuit
1996 Jan 09
SAA1310 PHILIPS-SAA1310 Datasheet
106Kb / 15P
   Control interface for VHS video recorders
April 1995
logo
Siemens Semiconductor G...
SDA5648 SIEMENS-SDA5648 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
logo
NXP Semiconductors
TDA3506 PHILIPS-TDA3506 Datasheet
136Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
TDA3507 PHILIPS-TDA3507 Datasheet
144Kb / 14P
   Video control combination circuit with automatic cut-off control
November 1987
TDA3505 PHILIPS-TDA3505 Datasheet
143Kb / 15P
   Video control combination circuit with automatic cut-off control
November 1987
TDA4580 PHILIPS-TDA4580 Datasheet
998Kb / 16P
   Video control combination circuit with automatic cut-off control
March 1991
TDA3508 PHILIPS-TDA3508 Datasheet
107Kb / 16P
   Video control combination circuit with automatic cut-off control
1996 Oct 25
logo
Siemens Semiconductor G...
SDA5649 SIEMENS-SDA5649 Datasheet
479Kb / 26P
   Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com