전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL2524HP 데이터시트(PDF) 3 Page - Zarlink Semiconductor Inc

부품명 SL2524HP
상세설명  1.3GHz Dual Wideband Logarithmic Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZARLINK [Zarlink Semiconductor Inc]
홈페이지  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL2524HP 데이터시트(HTML) 3 Page - Zarlink Semiconductor Inc

  SL2524HP Datasheet HTML 1Page - Zarlink Semiconductor Inc SL2524HP Datasheet HTML 2Page - Zarlink Semiconductor Inc SL2524HP Datasheet HTML 3Page - Zarlink Semiconductor Inc SL2524HP Datasheet HTML 4Page - Zarlink Semiconductor Inc SL2524HP Datasheet HTML 5Page - Zarlink Semiconductor Inc SL2524HP Datasheet HTML 6Page - Zarlink Semiconductor Inc SL2524HP Datasheet HTML 7Page - Zarlink Semiconductor Inc SL2524HP Datasheet HTML 8Page - Zarlink Semiconductor Inc SL2524HP Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SL2524
3
Supply current
Small signal gain (dual stage,
single ended)
Detected output current (max)
Detected output current
(no signal)
Upper cut off frequency (RF)
Lower cut off frequency (RF)
Detector cut off frequency
Limited IF O/P voltage
Phase variation with input level
(normalised to -30dBm)
Limited O/P var with temp.
Noise figure
Max I/P before overload
Input impedance
Output impedance
ELECTRICAL CHARACTERISTICS - SL2524B
Guaranteed at the following test conditions unless otherwise stated
Frequency = 200MHz, Tamb = +25
°C, Input power = -30dBm, VCC = 6V ±0.1V, Source Impedance = 50Ω.
Load impedance = 50
Ω, Test Circuit = Fig. 4, R
SET = 300Ω.
Tested as a dual stage.
mA
dB
dB
dB
dB
dB
dB
dB
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
MHz
MHz
MHz
MHz
MHz
mV
Degree
Degree
mV
dB
dBm
k
Typ
87
11.4
11.6
11.3
11.0
11.2
10.7
9.7
3.45
3.25
3.30
3.30
3.10
3.15
3.10
0.95
0.93
0.90
1100
1100
800
0.35
700
155
0
±2.0
-4.0
±2.0
±12
14
15
1
50
Min
70
9.6
10.1
9.9
9.5
9.7
9.3
8.2
3.20
3.05
3.15
3.10
2.80
2.90
2.85
0.85
0.80
0.80
600
900
600
135
Max
100
13.0
13.1
12.7
12.5
12.7
12.1
11.2
3.70
3.45
3.45
3.50
3.30
3.45
3.65
1.15
1.10
1.10
1
175
0
±3.0
-4.0
±3.0
±25
Value
Units
Conditions
Characteristic
Tamb = +25
°C f = 25MHz See Notes 1, 3
Tamb = -40
°C f = 200MHz See Notes 2, 3
Tamb = +25
°C f = 200MHz See Note 3
Tamb = +85
°C f = 200MHz See Notes 2, 3
Tamb = -40
°C f = 500MHz See Notes 2, 3
Tamb = +25
°C f = 500MHz See Note 3
Tamb = +85
°C f = 500MHz See Notes 2, 3
Tamb = +25
°C, V
IN = 0dBm, f = 25MHz
See Note 1
Tamb = -40
°C, V
IN = 0dBm, f = 200MHz
See Note 2
Tamb = +25
°C, V
IN = 0dBm, f = 200MHz
Tamb = +85
°C, V
IN = 0dBm, f = 200MHz
See Note 2
Tamb = -40
°C, V
IN = 0dBm, f = 500MHz
See Note 2
Tamb = +25
°C, V
IN = 0dBm, f = 500MHz
Tamb = +85
°C, V
IN = 0dBm, f = 500MHz
See Note 2
Tamb = -40
°C, See Note 2
Tamb = +25
°C, See Note 2
Tamb = +85
°C, See Note 2
-3dB w.r.t 200MHz, Tamb = -40
°C
See Note 2
-3dB w.r.t 200MHz, Tamb = +25
°C
-3dB w.r.t 200MHz, Tamb = +85
°C
See Note 2
-3dB w.r.t 200MHz, Tamb = +25
°C
50% O/P current w.r.t. 200MHz
I/P power = 0dBm, Tamb = +25
°C
Frequency = 70MHz, -55 to +3dBm
See Note 2
Frequency = 200MHz, -55 to +3dBm
See Note 2
See Note 1
1k
Ω in parallel with 2pF
NOTES
1.
Parameter guaranteed but not tested
2.
Tested at 25
°C only, but guaranteed at temperature
3.
Gain will typically increase by 6dB, when RF outputs use 1k
Ω loads in place of 50Ω


유사한 부품 번호 - SL2524HP

제조업체부품명데이터시트상세설명
logo
Mitel Networks Corporat...
SL2524HP MITEL-SL2524HP Datasheet
377Kb / 17P
   1.3GHz Dual Wideband Logarithmic Amplifier
More results

유사한 설명 - SL2524HP

제조업체부품명데이터시트상세설명
logo
Mitel Networks Corporat...
SL2524 MITEL-SL2524 Datasheet
377Kb / 17P
   1.3GHz Dual Wideband Logarithmic Amplifier
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441AM TI-TL441AM Datasheet
233Kb / 14P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441A TI1-TL441A Datasheet
257Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441 TI-TL441 Datasheet
226Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP_14 Datasheet
800Kb / 19P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Samsung semiconductor
S1T8825B SAMSUNG-S1T8825B Datasheet
275Kb / 16P
   1.3GHZ DUAL PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com