전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

MC74LCX541_05 데이터시트(Datasheet) 6 Page - ON Semiconductor

부품명 MC74LCX541_05
상세내용  Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting)
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo 

   
 6 page
background image
MC74LCX541
http://onsemi.com
6
PACKAGE DIMENSIONS
SOIC−20
DW SUFFIX
CASE 751D−05
ISSUE G
20
1
11
10
B
20X
C
18X
A1
A
SEATING
PLANE
q
E
D
M
0.25
S
A
S
B
T
e
T
B
A
DIM
MIN
MAX
MILLIMETERS
A
2.35
2.65
A1
0.10
0.25
B
0.35
0.49
C
0.23
0.32
D
12.65
12.95
E
7.40
7.60
e
1.27 BSC
H
10.05
10.55
h
0.25
0.75
L
0.50
0.90
q
0
7
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3. DIMENSIONS D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE PROTRUSION
SHALL BE 0.13 TOTAL IN EXCESS OF B
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
__
TSSOP−20
DT SUFFIX
CASE 948E−02
ISSUE B
DIM
A
MIN
MAX
MIN
MAX
INCHES
6.60
0.260
MILLIMETERS
B
4.30
4.50
0.169
0.177
C
1.20
0.047
D
0.05
0.15
0.002
0.006
F
0.50
0.75
0.020
0.030
G
0.65 BSC
0.026 BSC
H
0.27
0.37
0.011
0.015
J
0.09
0.20
0.004
0.008
J1
0.09
0.16
0.004
0.006
K
0.19
0.30
0.007
0.012
K1
0.19
0.25
0.007
0.010
L
6.40 BSC
0.252 BSC
M
0
8
0
8
_
___
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION:
MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE
MOLD FLASH, PROTRUSIONS OR GATE
BURRS. MOLD FLASH OR GATE BURRS
SHALL NOT EXCEED 0.15 (0.006) PER
SIDE.
4. DIMENSION B DOES NOT INCLUDE
INTERLEAD FLASH OR PROTRUSION.
INTERLEAD FLASH OR PROTRUSION
SHALL NOT EXCEED 0.25 (0.010) PER
SIDE.
5. DIMENSION K DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08
(0.003) TOTAL IN EXCESS OF THE K
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
6. TERMINAL NUMBERS ARE SHOWN
FOR REFERENCE ONLY.
7. DIMENSION A AND B ARE TO BE
DETERMINED AT DATUM PLANE −W−.
110
11
20
PIN 1
IDENT
A
B
−T−
0.100 (0.004)
C
D
G
H
SECTION N−N
K
K1
JJ1
N
N
M
F
−W−
SEATING
PLANE
−V−
−U−
S
U
M
0.10 (0.004)
V S
T
20X
REF
K
L
L/2
2X
S
U
0.15 (0.006) T
DETAIL E
0.25 (0.010)
DETAIL E
6.40
0.252
−−−
−−−
S
U
0.15 (0.006) T




Html 페이지

1  2  3  4  5  6  7  8 


데이터시트



관련 부품명

부품명상세내용Html View제조사
MC74LCX540_05Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs 3−State Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX125_05Low-Voltage CMOS Quad Buffer With 5 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX244_07Low−Voltage CMOS Octal Buffer With 5 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX374_05Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX240_06Low−Voltage CMOS Octal Buffer With 5 V−Tolerant Inputs and Outputs 3−State Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX245_05Low-Voltage CMOS Octal Transceiver With 5 V−Tolerant Inputs and Outputs 3−State Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX257_05Low-Voltage CMOS Quad 2-Input Multiplexer With 5.0 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX258Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V−Tolerant Inputs and Outputs 3−State Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX157_05Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V−Tolerant Inputs Non−Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX08_05Low-Voltage CMOS Quad 2-Input AND Gate With 5 V−Tolerant Inputs 1 2 3 4 5 MoreON Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl