전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

MC74LCX574_05 데이터시트(Datasheet) 6 Page - ON Semiconductor

부품명 MC74LCX574_05
상세내용  Low-Voltage CMOS Octal D-Type Flip-Flop Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Non−Inverting)
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo 

   
 6 page
background image
MC74LCX574
http://onsemi.com
6
OPEN
PULSE
GENERATOR
RT
DUT
VCC
RL
R1
CL
6 V
GND
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
6 V
Open Collector/Drain tPLH and tPHL
6 V
tPZH, tPHZ
GND
CL = 50 pF or equivalent (Includes jig and probe capacitance)
RL = R1 = 500 W or equivalent
RT = ZOUT of pulse generator (typically 50 W)
Figure 4. Test Circuit




Html 페이지

1  2  3  4  5  6  7  8 


데이터시트



관련 부품명

부품명상세내용Html View제조사
MC74LCX541_05Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX573_05Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout With 5 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX374_05Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX540_05Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs 3−State Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX125_05Low-Voltage CMOS Quad Buffer With 5 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX244_07Low−Voltage CMOS Octal Buffer With 5 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX245_05Low-Voltage CMOS Octal Transceiver With 5 V−Tolerant Inputs and Outputs 3−State Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX257_05Low-Voltage CMOS Quad 2-Input Multiplexer With 5.0 V−Tolerant Inputs and Outputs 3−State Non−Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX240_06Low−Voltage CMOS Octal Buffer With 5 V−Tolerant Inputs and Outputs 3−State Inverting 1 2 3 4 5 MoreON Semiconductor
MC74LCX258Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V−Tolerant Inputs and Outputs 3−State Inverting 1 2 3 4 5 MoreON Semiconductor

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl