전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA2025D 데이터시트(PDF) 7 Page - Unisonic Technologies

부품명 TEA2025D
상세설명  STEREO AUDIO AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA2025D 데이터시트(HTML) 7 Page - Unisonic Technologies

  TEA2025D Datasheet HTML 1Page - Unisonic Technologies TEA2025D Datasheet HTML 2Page - Unisonic Technologies TEA2025D Datasheet HTML 3Page - Unisonic Technologies TEA2025D Datasheet HTML 4Page - Unisonic Technologies TEA2025D Datasheet HTML 5Page - Unisonic Technologies TEA2025D Datasheet HTML 6Page - Unisonic Technologies TEA2025D Datasheet HTML 7Page - Unisonic Technologies TEA2025D Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TEA2025D
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R107-017,B
TYPICAL APPLICATION CIRCUIT
TEA
2025 D
Figure 1:Bridge Application(Powerdip)
100 µF
0.22 µF
100
µ F
100µF
100µF
100 µF
100µF
0.15µF
0.15µF
12
3
8
9
10
4,5 ,6,7,11,
14,15,16,17
12
13
18
19
IN
+V 8
RL
TEA
2025 D
Figure 2:Stereo Application(Powerdip)
100 µF
0.22µF
100µF
0.22µF
100µF
100 µF
100µF
0.15 µF
2
3
8
9
10
12
13
18
19
IN.1
+V8
RL
C1
C10
IN.2
C2
C11
100
µ F
C3
C4
C8
C5
C6
470µF
OUT.1
C9
RL
0.15 µF
C7
470 µF
OUT.2
20
4,5,6 ,7,11,
14,15 ,16 ,17
20


유사한 부품 번호 - TEA2025D

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TEA2025D STMICROELECTRONICS-TEA2025D Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025DG-S20-R UTC-TEA2025DG-S20-R Datasheet
259Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025D UTC-TEA2025D_15 Datasheet
259Kb / 7P
   STEREO AUDIO AMPLIFIER
More results

유사한 설명 - TEA2025D

제조업체부품명데이터시트상세설명
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025 UTC-TEA2025_10 Datasheet
204Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025A UTC-TEA2025A Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025AH UTC-TEA2025AH Datasheet
223Kb / 7P
   STEREO AUDIO AMPLIFIER
logo
Bookly Micro electronic
TEA2025 BOOKLY-TEA2025 Datasheet
76Kb / 4P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com