전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UA1538 데이터시트(PDF) 8 Page - Unisonic Technologies

부품명 UA1538
상세설명  4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA1538 데이터시트(HTML) 8 Page - Unisonic Technologies

Back Button UA1538 Datasheet HTML 4Page - Unisonic Technologies UA1538 Datasheet HTML 5Page - Unisonic Technologies UA1538 Datasheet HTML 6Page - Unisonic Technologies UA1538 Datasheet HTML 7Page - Unisonic Technologies UA1538 Datasheet HTML 8Page - Unisonic Technologies UA1538 Datasheet HTML 9Page - Unisonic Technologies UA1538 Datasheet HTML 10Page - Unisonic Technologies UA1538 Datasheet HTML 11Page - Unisonic Technologies UA1538 Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
UA1538
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8
www.unisonic.com.tw
QW-R109-023,B
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Dead Time
DEAD Pin Impedance
RDEAD
52
65
78
DEAD Pin Output Voltage
VDEAD
0.78
0.88
0.98
V
Starter Circuit
Starter Switching Voltage
VSTNM
VSYS1=VSYS2=0→3.2V,
START=0V
2.3
2.5
2.7
V
Starter Switching Hysteresis Width
VSNHS
START=0V
130
200
300
mV
Discharge Release
VDIS
1.63
1.83
2.03
V
Empty Detection
EMP Detection Voltage 1
VEMPT1
VSEL=0V
2.1
2.2
2.3
V
EMP Detection Voltage 2
VEMPT2
ISEL=- 2µA
1.7
1.8
1.9
V
EMP Detection Hysteresis Voltage 1
VEMHS1
VSEL=0V
25
50
100
mV
EMP Detection Hysteresis Voltage 2
VEMHS2
ISEL=- 2µA
25
50
100
mV
EMP Pin Output Voltage
VEMP
Io=1mA, BSEN=1V
0.5
V
EMP Pin Output Leak Current
IEMPL
BSEN=2.4V
1.0
μA
BSEN Pin Input Resistance
RBSEN
VSEL=0V
17
23
27
BSEN Pin Leak Current
IBSENL
VSYS1=VSYS2=0V
BSEN=4.5V
1.0
V
SEL Pin Detection Voltage
VSELTH
VSELTH=BATT-SEL
BSEN=2.0V
1.5
V
SEL Pin Detection Current
ISELT
-2
μA
Reset Circuit
VSYS1 RESET Threshold Voltage
Ratio
HSRT
Comparison with error amplifier
threshold voltage
85
90
95
%
RESET Detection Hysteresis Width
VRSTHS
25
50
100
mV
RESET Pin Output Voltage
VRST
Io=1mA, VSYS1=VSYS2=2.8V
0.5
V
RESET Pin PULL UP Resistance
RRST
72
90
108
AMUTE Pin Output Voltage 1
VAMT1
Io=-1mA, VSYS1=VSYS2=2.8V
BATT
-0.4
BATT
V
AMUTE Pin Output Voltage 2
VAMT2
Io=-1mA, START=0V,
VSYS1=VSYS2=0V
BATT
-0.4
BATT
V
AMUTE Pin PULL DOWN
Resistance
RAMT
77
95
113
Op Amp
Input Bias Current
IBIAS
OP+=1.6V
300
nA
Input Offset Voltage
VOIOP
-5.5
0
5.5
mV
High Level Output Voltage
VOHOP
RL=OPEN
2.8
V
Low level Output Voltage
VOLOP
RL=OPEN
0.2
V
Output Drive Current (Source)
ISOU
50ΩGND
-6.5
-3.0
mA
Output Drive Current (Sink)
ISIN
50ΩVSYS1
0.4
0.7
mA
Open Loop Voltage Gain
GVO
VIN=-75dBV, f=1kHz
70
dB
Slew Rate
SR
0.5
V/μs
Battery Charging Circuit
RCHG Pin Bias Voltage
VRCHG
CHGVcc=4.5V, RCHG=1.8kΩ.
0.71
0.81
0.91
V
RCHG Pin Output Resistance
RRCHG
CHGVcc=4.5V, RCHG=0.5 and
0.6V
0.75
0.95
1.20
SEL Pin Leak Current 1
ISELLK1
CHGVcc=4.5V, RCHG=OPEN,
BATT=4.5V
1.0
μA
SEL Pin Leak Current 2
ISELLK2
CHGVcc=0.6V, RCHG=1.8kΩ,
BATT=4.5V
1.0
μA
SEL Pin Saturation Voltage
VSELCG
CHGVcc=4.5V, Io=300mA,
RCHG=0Ω
0.45
1.00
V


유사한 부품 번호 - UA1538

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UA1538 UTC-UA1538 Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
UA1538G-QM1-Y UTC-UA1538G-QM1-Y Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
UA1538G-QM1-Y UTC-UA1538G-QM1-Y Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
UA1538L-QM1-Y UTC-UA1538L-QM1-Y Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
UA1538L-QM1-Y UTC-UA1538L-QM1-Y Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
More results

유사한 설명 - UA1538

제조업체부품명데이터시트상세설명
logo
Minilogic Device Corpor...
ML1538 MINILOGIC-ML1538 Datasheet
1Mb / 17P
   4-ch Motor Driver for Portable CD players
logo
Unisonic Technologies
MM1538 UTC-MM1538 Datasheet
393Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Wuxi Youda electronics ...
YD5901 YOUDA-YD5901 Datasheet
125Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Unisonic Technologies
UA1538 UTC-UA1538_15 Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
List of Unclassifed Man...
YD5901 ETC1-YD5901 Datasheet
84Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Unisonic Technologies
UA1538 UTC-UA1538_11 Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Mitsumi Electronics, Co...
MM1469 MITSUMI-MM1469 Datasheet
557Kb / 10P
   4-ch BTL Motor Driver for CD Players
logo
Sanyo Semicon Device
LB8106M SANYO-LB8106M Datasheet
215Kb / 10P
   Actuator Driver for Portable CD Players
LB8109M SANYO-LB8109M Datasheet
129Kb / 9P
   Actuator Driver for Portable CD Players
LB8108M SANYO-LB8108M Datasheet
282Kb / 12P
   Actuator Driver for Portable CD Players?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com