전자부품 데이터시트 검색엔진 |
|
2SD965L-X-T92-B 데이터시트(PDF) 2 Page - Unisonic Technologies |
|
2SD965L-X-T92-B 데이터시트(HTML) 2 Page - Unisonic Technologies |
2 / 4 page 2SD965/A NPN SILICON TRANSISTOR UNISONICTECHNOLOGIESCO.,LTD 2 of 4 www.unisonic.com.tw QW-R209-007,B ABSOLUTE MAXIMUM RATING (Ta=25℃) PARAMETER SYMBOL RATINGS UNIT Collector-Base Voltage VCBO 40 V 2SD965 20 V Collector-Emitter Voltage 2SD965A VCEO 30 V Emitter-Base Voltage VEBO 7 V SOT-89 500 mW TO-92 750 mW Collector Dissipation TO-252 PC 1 W Collector Current IC 5 A Junction Temperature TJ 150 ℃ Storage Temperature TSTG -65 ~ +150 ℃ Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Collector-Base Breakdown Voltage BVCBO IC=100µA, IE=0 40 V 2SD965 20 V Collector-Emitter Breakdown Voltage 2SD965A BVCEO IC=1mA, IB=0 30 V Emitter-Base Breakdown Voltage BVEBO IE=10µA, IC=0 7 V Collector Cut-off Current ICBO VCB=10V, IE=0 100 nA Emitter Cut-off Current IEBO VEB=7V, IC=0 100 nA VCE=2V, IC=1mA 200 VCE=2V, IC=0.5A 230 800 DC Current Gain(note) hFE VCE=2V, IC=2A 150 Collector-Emitter Saturation Voltage VCE(SAT) IC=3A, IB= 0.1A 1 V Current Gain Bandwidth Product fT VCE=6V, IC=50mA 150 MHz Output Capacitance Cob VCB=20V, IE=0, f=1MHz 50 pF CLASSIFICATION OF hFE2 RANK Q R S RANGE 230-380 340-600 560-800 |
유사한 부품 번호 - 2SD965L-X-T92-B |
|
유사한 설명 - 2SD965L-X-T92-B |