전자부품 데이터시트 검색엔진 |
|
2SA1576A 데이터시트(PDF) 1 Page - Rohm |
|
2SA1576A 데이터시트(HTML) 1 Page - Rohm |
1 / 4 page 2SA1037AK / 2SA1576A / 2SA1774 / Transistors 2SA2029 / 2SA933AS Rev.A 1/3 General Purpose Transistor ( −50V, −0.15A) 2SA1037AK / 2SA1576A / 2SA1774 / 2SA2029 / 2SA933AS Features 1) Excellent hFE linearity. 2) Complements the 2SC2412K / 2SC4081 / 2SC4617 / 2SC5658 / 2SC1740S. Structure Epitaxial planar type. PNP silicon transistor External dimensions (Unit : mm) 2SA1037AK Abbreviated symbol : F ∗ Abbreviated symbol : F ∗ Abbreviated symbol : F ∗ ∗ Denotes hFE Abbreviated symbol : F ∗ ROHM : SMT3 EIAJ : SC-59 (3) Collector (1) Emitter (2) Base Each lead has same dimensions 0.3 to 0.6 2.8 1.6 2SA1774 ROHM : EMT3 EIAJ : SC-75A (3) Collecto (1) Emitter (2) Base 0.1Min. 1.6 0.8 (2) (3) (1) 2SA1576A ROHM : UMT3 EIAJ : SC-70 (3) Collector (1) Emitter (2) Base Each lead has same dimensions 1.25 2.1 0.1 to 0.4 2SA2029 ROHM : VMT3 EIAJ : 2SA933AS ROHM : SPT EIAJ : SC-72 0.45 2.5 (1) (2) (3) (3) Base (1) Emitter (2) Collector 5 Taping specifications 0.45 0.5 42 (1) Base (2) Emitter (3) Collector (3) 1.2 0.8 0.2 0.15Max. 0.2 (2) (1) |
유사한 부품 번호 - 2SA1576A |
|
유사한 설명 - 2SA1576A |