전자부품 데이터시트 검색엔진 |
|
UA78L10ACDR 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
UA78L10ACDR 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 21 page µA78L00 SERIES POSITIVEVOLTAGE REGULATORS SLVS010S − JANUARY 1976 − REVISED FEBRUARY 2004 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) ORDERING INFORMATION (continued) TJ VO(NOM) (V) OUTPUT VOLTAGE TOLERANCE PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING SOIC (D) Tube of 75 µA78L15ACD 78L15A SOIC (D) Reel of 2500 µA78L15ACDR 78L15A 0 °C to 125°C 15 V 5% SOT-89 (PK) Reel of 1000 µA78L15ACPK FF 0 C to 125 C 15 V 5% TO-92 (LP) Bulk of 1000 µA78L15ACLP 78L15AC TO-92 (LP) TO-226AA (LP) Reel of 2000 µA78L15ACLPR 78L15AC SOIC (D) Tube of 75 µA78L05AID 78L15AI SOIC (D) Reel of 2500 µA78L05AIDR 78L15AI −40 °C to 125°C 5 V 5% SOT-89 (PK) Reel of 1000 µA78L05AIPK J5 −40 C to 125 C 5 V 5% TO-92 (LP) Bulk of 1000 µA78L05AILP 78L05AI TO-92 (LP) TO-226AA (LP) Reel of 2000 µA78L05AILPR 78L05AI † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. schematic 20 k Ω 1 k Ω to 14 kΩ INPUT OUTPUT COMMON NOTE A: Resistor values shown are nominal. 1.4 k Ω |
유사한 부품 번호 - UA78L10ACDR |
|
유사한 설명 - UA78L10ACDR |