전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BY229F-400 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 BY229F-400
상세설명  Rectifier diodes fast, soft-recovery
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY229F-400 데이터시트(HTML) 5 Page - NXP Semiconductors

  BY229F-400 Datasheet HTML 1Page - NXP Semiconductors BY229F-400 Datasheet HTML 2Page - NXP Semiconductors BY229F-400 Datasheet HTML 3Page - NXP Semiconductors BY229F-400 Datasheet HTML 4Page - NXP Semiconductors BY229F-400 Datasheet HTML 5Page - NXP Semiconductors BY229F-400 Datasheet HTML 6Page - NXP Semiconductors BY229F-400 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BY229F, BY229X series
fast, soft-recovery
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.10. SOD100; The seating plane is electrically isolated from all terminals.
Notes
1. Refer to mounting instructions for F-pack envelopes.
2. Epoxy meets UL94 V0 at 1/8".
10.2
max
5.7
max
3.2
3.0
0.9
0.5
4.4
max
2.9 max
4.4
4.0
seating
plane
7.9
7.5
17
max
0.55 max
1.3
13.5
min
5.08
0.9
0.7
M
0.4
top view
3.5 max
not tinned
4.4
ka
September 1998
5
Rev 1.200


유사한 부품 번호 - BY229F-400

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
BY229F-800 ISC-BY229F-800 Datasheet
288Kb / 2P
   Fast Recovery Rectifier
More results

유사한 설명 - BY229F-400

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BY329F PHILIPS-BY329F Datasheet
57Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.100
BY229 PHILIPS-BY229 Datasheet
49Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
BY329X PHILIPS-BY329X Datasheet
49Kb / 6P
   Rectifier diodes fast, soft-recovery
May 1995 Rev 1.000
BY329-1000 PHILIPS-BY329-1000 Datasheet
42Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
logo
New Jersey Semi-Conduct...
BY329 NJSEMI-BY329 Datasheet
138Kb / 2P
   Rectifier diodes fast, soft-recovery
logo
NXP Semiconductors
BYX46 PHILIPS-BYX46 Datasheet
664Kb / 11P
   FAST SOFT-RECOVERY RECTIFIER DIODES
April 1984
logo
SynSemi, Inc.
BYW95A SYNSEMI-BYW95A Datasheet
33Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYW95A EIC-BYW95A Datasheet
29Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYD37DA EIC-BYD37DA Datasheet
110Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYW95A EIC-BYW95A_05 Datasheet
48Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com