전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT25040LI-GT3 데이터시트(PDF) 9 Page - Catalyst Semiconductor

부품명 CAT25040LI-GT3
상세설명  1K/2K/4K SPI Serial CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25040LI-GT3 데이터시트(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT25040LI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25040LI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25040LI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25040LI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25040LI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT25040LI-GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT25040LI-GT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT25040LI-GT3 Datasheet HTML 12Page - Catalyst Semiconductor CAT25040LI-GT3 Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
CAT25010, CAT25020, CAT25040
Doc. No. 1006, Rev. S
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Figure 9.
HOLD
HOLD
HOLD
HOLD
HOLD Timing
Figure 8. Page Write Instruction Timing
Note: Dashed Line= mode (1, 1) – ––––
*X=0 for 25010, 25020 ; X=A8 for 25040
Note: Dashed Line= mode (1, 1) – ––––
CS
SCK
HOLD
SO
tCD
tHD
tHD
tCD
tLZ
tHZ
HIGH IMPEDANCE
SCK
SI
SO
00
00
00
10
BYTE ADDRESS
Data
Byte 1
012345678
13
14
15 16-23
24-31
Data
Byte 2
Data
Byte 3
Data Byte N
CS
OPCODE
7..1
0
16+(N-1)x8-1..16+(N-1)x8 16+Nx8-1
DATA IN
HIGH IMPEDANCE
A7
A0
X*
Figure 10.
WP
WP
WP
WP
WP Timing
CS
SCK
WP
WP
tWPS
tWPH
Note: Dashed Line= mode (1, 1) – ––––
must be set high after the proper number of clock cycles
to start an internal write cycle. Access to the array
during an internal write cycle is ignored and program-
ming is continued. On power up, SO is in a high
impedance. If an invalid opcode is received, no data will
be shifted into the CAT25010/20/40, and the serial
output pin (SO) will remain in a high impedance state
until the falling edge of
CS is detected again.
DESIGN CONSIDERATIONS
The CAT25010/20/40 powers up in a write disable state
and in a low power standby mode. A WREN instruction
must be issued to perform any writes to the device after
power up. After power up,
CS must be brought low to
enter a ready state and receive an instruction. After a
successful byte/page write or status register write, the
CAT25010/20/40 goes into a write disable mode.
CS


유사한 부품 번호 - CAT25040LI-GT3

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT25040LI-GT3 CATALYST-CAT25040LI-GT3 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25040LI-GT3 ONSEMI-CAT25040LI-GT3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
More results

유사한 설명 - CAT25040LI-GT3

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
logo
Asahi Kasei Microsystem...
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com