전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BY329X-800 데이터시트(PDF) 1 Page - NXP Semiconductors

부품명 BY329X-800
상세설명  Rectifier diodes fast, soft-recovery
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY329X-800 데이터시트(HTML) 1 Page - NXP Semiconductors

  BY329X-800 Datasheet HTML 1Page - NXP Semiconductors BY329X-800 Datasheet HTML 2Page - NXP Semiconductors BY329X-800 Datasheet HTML 3Page - NXP Semiconductors BY329X-800 Datasheet HTML 4Page - NXP Semiconductors BY329X-800 Datasheet HTML 5Page - NXP Semiconductors BY329X-800 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BY329X series
fast, soft-recovery
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Glass-passivated
double
diffused
SYMBOL
PARAMETER
MAX. MAX.
MAX.
UNIT
rectifier diodes in a full pack plastic
envelope
featuring
low
forward
BY329X
-800
-1000 -1200
voltage drop, fast reverse recovery
V
RRM
Repetitive peak reverse
800
1000
1200
V
and soft recovery characteristic. The
voltage
devices are intended for use in TV
I
F(AV)
Average forward current
8
8
8
A
receivers, monitors and switched
I
FSM
Non-repetitive peak
65
65
65
A
mode power supplies.
forward current
t
rr
Reverse recovery time
145
145
145
ns
PINNING - SOD113
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
cathode
2
anode
case isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-800
-1000
-1200
V
RSM
Non-repetitive peak reverse
-
800
1000
1200
V
voltage
V
RRM
Repetitive peak reverse voltage
-
800
1000
1200
V
V
RWM
Crest working reverse voltage
-
600
800
1000
V
I
F(AV)
Average forward current
1
square wave;
δ = 0.5;
-
8
A
T
hs ≤ 83 ˚C
sinusoidal; a = 1.57;
-
7
A
T
hs ≤ 90 ˚C
I
F(RMS)
RMS forward current
-
11
A
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
16
A
T
hs ≤ 83 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
65
A
current.
t = 8.3 ms
-
71
A
sinusoidal; T
j = 150 ˚C prior
to surge; with reapplied
V
RWM(max)
I
2tI2t for fusing
t = 10 ms
-
28
A
2s
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
12
case
k
a
1
2
1 Neglecting switching and reverse current losses.
May 1995
1
Rev 1.000


유사한 부품 번호 - BY329X-800

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BY329X-800 PHILIPS-BY329X-800 Datasheet
57Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.100
More results

유사한 설명 - BY329X-800

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BY229F PHILIPS-BY229F Datasheet
56Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
BY329F PHILIPS-BY329F Datasheet
57Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.100
BY229 PHILIPS-BY229 Datasheet
49Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
BY329-1000 PHILIPS-BY329-1000 Datasheet
42Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
logo
New Jersey Semi-Conduct...
BY329 NJSEMI-BY329 Datasheet
138Kb / 2P
   Rectifier diodes fast, soft-recovery
logo
NXP Semiconductors
BYX46 PHILIPS-BYX46 Datasheet
664Kb / 11P
   FAST SOFT-RECOVERY RECTIFIER DIODES
April 1984
logo
SynSemi, Inc.
BYW95A SYNSEMI-BYW95A Datasheet
33Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYW95A EIC-BYW95A Datasheet
29Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYD37DA EIC-BYD37DA Datasheet
110Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYW95A EIC-BYW95A_05 Datasheet
48Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com