전자부품 데이터시트 검색엔진 |
|
CAT24C0A1UTE13 데이터시트(PDF) 7 Page - Catalyst Semiconductor |
|
CAT24C0A1UTE13 데이터시트(HTML) 7 Page - Catalyst Semiconductor |
7 / 8 page Discontinued Part CAT24C01B 7 Doc. No. 1081, Rev. E © 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice Figure 7. Byte Read Timing BUS ACTIVITY MASTER SDA LINE DATA n+x A C K A C K DATA n+1 S T O P A C K DATA n+2 A C K P ADDRESS R / W DATA n BUS ACTIVITY CAT24C01B Figure 8. Sequential Read Timing ORDERING INFORMATION Notes: (1) The device used in the above example is a 24C01BJI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating Voltage, Tape & Reel) (2) Product die revision letter is marked on top of the package as a suffix to the production date code (e.g. AYWWA). For additional information, please contact your Catalyst sales office. BUS ACTIVITY MASTER SDA LINE A C K A C K DATA n S T O P S S T A R T P WORD ADDRESS(n) M S B L S B R / W BUS ACTIVITY CAT24C01B Prefix Device # Suffix 24C01B J I TE13 Product Number 24C01B: 1K Tape & Reel Package P: PDIP J: SOIC, JEDEC U: TSSOP R: MSOP L: PDIP (Lead-free, Halogen-free) W: SOIC (Lead-free, Halogen-free) Y: TSSOP (Lead-free, Halogen-free) Z: MSOP (Lead-free, Halogen-free) GL: PDIP (Lead-free, Halogen-free, NiPdAu lead plating) GW: SOIC (Lead-free, Halogen-free, NiPdAu lead plating) GY: TSSOP (Lead-free, Halogen-free, NiPdAu lead plating) GZ: MSOP (Lead-free, Halogen-free, NiPdAu lead plating) Operating Voltage Blank: 2.5V - 6.0V 1.8: 1.8V - 6.0V -1.8 CAT Temperature Range Blank = Commercial (0°C to 70°C) I = Industrial (-40°C to 85°˚C) A = Automotive (-40°C to 105°C) E = Extended (-40°C to 125°C) Optional Company ID Rev A(2) Die Revision |
유사한 부품 번호 - CAT24C0A1UTE13 |
|
유사한 설명 - CAT24C0A1UTE13 |