전자부품 데이터시트 검색엔진 |
|
CAT25C64U20SI-1.8TE13 데이터시트(PDF) 6 Page - Catalyst Semiconductor |
|
CAT25C64U20SI-1.8TE13 데이터시트(HTML) 6 Page - Catalyst Semiconductor |
6 / 11 page 6 CAT25C32/64 Doc. No. 1001, Rev. G Figure 2. WREN Instruction Timing Figure 3. WRDI Instruction Timing STATUS REGISTER The Status Register indicates the status of the device. The RDY (Ready) bit indicates whether the CAT25C32/ 64 is busy with a write operation. When set to 1 a write cycle is in progress and when set to 0 the device indicates it is ready. This bit is read only. The WEL (Write Enable) bit indicates the status of the write enable latch . When set to 1, the device is in a Write Enable state and when set to 0 the device is in a Write Disable state. The WEL bit can only be set by the WREN instruction and can be reset by the WRDI instruction. The BP0 and BP1 (Block Protect) bits indicate which blocks are currently protected. These bits are set by the user issuing the WRSR instruction. The user is allowed to protect quarter of the memory, half of the memory or the entire memory by setting these bits. Once protected the user may only read from the protected portion of the array. These bits are non-volatile. Note: Dashed Line= mode (1, 1) — — — — Note: Dashed Line= mode (1, 1) — — — — SK SI CS SO 00000 11 0 HIGH IMPEDANCE SK SI CS SO 00000 10 0 HIGH IMPEDANCE The WPEN (Write Protect Enable) is an enable bit for the WP pin. The WP pin and WPEN bit in the status register control the programmable hardware write protect feature. Hardware write protection is enabled when WP is low and WPEN bit is set to high. The user cannot write to the status register (including the block protect bits and the WPEN bit) and the block protected sections in the memory array when the chip is hardware write protected. Only the sections of the memory array that are not block protected can be written. Hardware write protection is disabled when either WP pin is high or the WPEN bit is zero. DEVICE OPERATION Write Enable and Disable The CAT25C32/64 contains a write enable latch. This latch must be set before any write operation. The device powers up in a write disable state when Vcc is applied. WREN instruction will enable writes (set the latch) to thedevice. WRDI instruction will disable writes (reset the latch) to the device. Disabling writes will protect the device against inadvertent writes. |
유사한 부품 번호 - CAT25C64U20SI-1.8TE13 |
|
유사한 설명 - CAT25C64U20SI-1.8TE13 |