전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BY527 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 BY527
상세설명  Controlled avalanche rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY527 데이터시트(HTML) 2 Page - NXP Semiconductors

  BY527 Datasheet HTML 1Page - NXP Semiconductors BY527 Datasheet HTML 2Page - NXP Semiconductors BY527 Datasheet HTML 3Page - NXP Semiconductors BY527 Datasheet HTML 4Page - NXP Semiconductors BY527 Datasheet HTML 5Page - NXP Semiconductors BY527 Datasheet HTML 6Page - NXP Semiconductors BY527 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1996 Jun 11
2
Philips Semiconductors
Product specification
Controlled avalanche rectifier
BY527
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy
absorption capability
• Available in ammo-pack.
DESCRIPTION
Rugged glass package, using a high
temperature alloyed construction.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
Fig.1 Simplified outline (SOD57) and symbol.
2/3 page (Datasheet)
MAM047
ka



LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
1250
V
VRWM
crest working reverse voltage
800
V
VR
continuous reverse voltage
800
V
IF(AV)
average forward current
Ttp =45 °C;
lead length = 10 mm;
averaged over any 20 ms
period; see Figs 2 and 4
2.0
A
Tamb =80 °C; PCB mounting
(see Fig.9);
averaged over any 20 ms
period; see Figs 3 and 4
0.8
A
IFSM
non-repetitive peak forward current
t = 10 ms half sinewave
50
A
ERSM
non-repetitive peak reverse avalanche
energy
L = 120 mH; Tj =Tj max prior to
surge; inductive load switched off
20
mJ
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
see Fig.5
−65
+175
°C


유사한 부품 번호 - BY527

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BY527 VISHAY-BY527 Datasheet
49Kb / 4P
   Silicon Mesa Rectifier
Rev. 2, 24-Jun-98
BY527 VISHAY-BY527 Datasheet
130Kb / 6P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 14-Apr-05
BY527 VISHAY-BY527 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
New Jersey Semi-Conduct...
BY527 NJSEMI-BY527 Datasheet
131Kb / 2P
   Controlled avalanche rectifier
logo
Vishay Siliconix
BY527 VISHAY-BY527 Datasheet
139Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
More results

유사한 설명 - BY527

제조업체부품명데이터시트상세설명
logo
New Jersey Semi-Conduct...
BY527 NJSEMI-BY527 Datasheet
131Kb / 2P
   Controlled avalanche rectifier
logo
Toshiba Semiconductor
25QF11 TOSHIBA-25QF11 Datasheet
64Kb / 1P
   CONTROLLED AVALANCHE RECTIFIER
logo
EIC discrete Semiconduc...
BYM56A EIC-BYM56A Datasheet
177Kb / 2P
   CONTROLLED AVALANCHE RECTIFIER DIODES
Rev. 02: October 8, 2012
BYD13D EIC-BYD13D Datasheet
46Kb / 2P
   CONTROLLED AVALANCHE RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYX39 NJSEMI-BYX39 Datasheet
180Kb / 3P
   CONTROLLED AVALANCHE RECTIFIER DIODES
BYX56 NJSEMI-BYX56 Datasheet
187Kb / 3P
   CONTROLLED AVALANCHE RECTIFIER DIODES
logo
Microsemi Corporation
KP247 MICROSEMI-KP247 Datasheet
103Kb / 2P
   Quick Connect Controlled Avalanche Rectifier
logo
Diotec Semiconductor
P2500T DIOTEC-P2500T_16 Datasheet
178Kb / 2P
   Controlled Avalanche Standard Recovery Rectifier Diodes
logo
NXP Semiconductors
BYV2100 PHILIPS-BYV2100 Datasheet
52Kb / 8P
   Fast soft-recovery controlled avalanche rectifier
1996 Oct 07
BYV4100 PHILIPS-BYV4100 Datasheet
52Kb / 8P
   Fast soft-recovery controlled avalanche rectifier
1996 Oct 07
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com