전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC7812CT 데이터시트(PDF) 25 Page - ON Semiconductor

부품명 MC7812CT
상세설명  1.0 A Positive Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7812CT 데이터시트(HTML) 25 Page - ON Semiconductor

Back Button MC7812CT Datasheet HTML 21Page - ON Semiconductor MC7812CT Datasheet HTML 22Page - ON Semiconductor MC7812CT Datasheet HTML 23Page - ON Semiconductor MC7812CT Datasheet HTML 24Page - ON Semiconductor MC7812CT Datasheet HTML 25Page - ON Semiconductor MC7812CT Datasheet HTML 26Page - ON Semiconductor MC7812CT Datasheet HTML 27Page - ON Semiconductor MC7812CT Datasheet HTML 28Page - ON Semiconductor MC7812CT Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
MC7800, MC7800A, NCV7805
http://onsemi.com
25
ORDERING INFORMATION
Device
Shipping
Package
Operating
Temperature Range
Nominal Voltage
MC7809ACT
9.0 V
T = 0
°C to +125°C
TO 220
50 Units /Rail
MC7809ACTG
TO 220
(Pb−free)
50 Units /Rail
MC7809BT
T = −40
°C to +125°C
TO 220
50 Units /Rail
MC7809BTG
TO 220
(Pb−free)
50 Units /Rail
MC7809CD2T
T = 0
°C to +125°C
D2PAK
50 Units /Rail
MC7809CD2TG
D2PAK
(Pb−free)
50 Units /Rail
MC7809CD2TR4
D2PAK
800 / Tape & Reel
MC7809CD2TR4G
D2PAK
(Pb−free)
800 / Tape & Reel
MC7809CT
TO 220
50 Units /Rail
MC7809CTG
TO 220
(Pb−free)
50 Units /Rail
MC7812ABD2T
12 V
T = −40
°C to +125°C
D2PAK
50 Units /Rail
MC7812ABD2TG
D2PAK
(Pb−free)
50 Units /Rail
MC7812ABD2TR4
D2PAK
800 / Tape & Reel
MC7812ABD2TR4G
D2PAK
(Pb−free)
800 / Tape & Reel
MC7812ABT
TO 220
50 Units /Rail
MC7812ABTG
TO 220
(Pb−free)
50 Units /Rail
MC7812ACD2T
T = 0
°C to +125°C
D2PAK
50 Units /Rail
MC7812ACD2TG
D2PAK
(Pb−free)
50 Units /Rail
MC7812ACD2TR4
D2PAK
800 / Tape & Reel
MC7812ACD2TR4G
D2PAK
(Pb−free)
800 / Tape & Reel
MC7812ACT
TO 220
50 Units /Rail
MC7812ACTG
TO 220
(Pb−free)
50 Units /Rail
MC7812BD2T
T = −40
°C to +125°C
D2PAK
50 Units /Rail
MC7812BD2TG
D2PAK
(Pb−free)
50 Units /Rail
MC7812BD2TR4
D2PAK
800 / Tape & Reel
MC7812BD2TR4G
D2PAK
(Pb−free)
800 / Tape & Reel
MC7812BDT
DPAK
75 Units / Rail
MC7812BDTG
DPAK
(Pb−free)
75 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi-
cations Brochure, BRD8011/D.
*NCV devices: Tlow = −40
°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and
change control.


유사한 부품 번호 - MC7812CT

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC7812CT MOTOROLA-MC7812CT Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7812CT ONSEMI-MC7812CT Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
logo
Fairchild Semiconductor
MC7812CT FAIRCHILD-MC7812CT Datasheet
225Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
MC7812CT FAIRCHILD-MC7812CT Datasheet
226Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
ON Semiconductor
MC7812CT ONSEMI-MC7812CT Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
More results

유사한 설명 - MC7812CT

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
logo
ON Semiconductor
MC-7805-CT ONSEMI-MC-7805-CT Datasheet
329Kb / 30P
   1.0 A Positive Voltage Regulators
May, 2013 ??Rev. 26
NCP7812TG ONSEMI-NCP7812TG Datasheet
144Kb / 12P
   1.0 A Positive Voltage Regulators
June, 2010 ??Rev. 1
MC7800 ONSEMI-MC7800_V01 Datasheet
439Kb / 28P
   Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
logo
Semtech Corporation
EZ1117 SEMTECH-EZ1117_06 Datasheet
476Kb / 6P
   0.8 & 1.0 AMP Positive Voltage Regulators
EZ1117 SEMTECH-EZ1117 Datasheet
126Kb / 4P
   0.8 & 1.0 AMP POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com