전자부품 데이터시트 검색엔진 |
|
MC10175P 데이터시트(PDF) 2 Page - ON Semiconductor |
|
MC10175P 데이터시트(HTML) 2 Page - ON Semiconductor |
2 / 8 page MC10175 http://onsemi.com 2 ELECTRICAL CHARACTERISTICS Test Limits Pin Under –30 °C +25 °C +85 °C Characteristic Symbol Under Test Min Max Min Typ Max Min Max Unit Power Supply Drain Current IE 8 107 78 97 107 mAdc Input Current IinH 6 7 10 11 460 460 460 1000 290 290 290 650 290 290 290 650 µAdc IinL All 0.5 0.5 0.3 µAdc Output Voltage Logic 1 VOH 14 15 –1.060 –1.060 –0.890 –0.890 –0.960 –0.960 –0.810 –0.810 –0.890 –0.890 –0.700 –0.700 Vdc Output Voltage Logic 0 VOL 14 15 –1.890 –1.890 –1.675 –1.675 –1.850 –1.850 –1.650 –1.650 –1.825 –1.825 –1.615 –1.615 Vdc Threshold Voltage Logic 1 VOHA 14 15 –1.080 –1.080 –0.980 –0.980 –0.910 –0.910 Vdc Threshold Voltage Logic 0 VOLA 14 15 –1.655 –1.655 –1.630 –1.630 –1.595 –1.595 Vdc Switching Times (50 Ω Load) ns Data Input t10+14+ t10–14– 14 14 1.0 1.0 3.6 3.6 1.0 1.0 3.5 3.5 1.0 1.0 3.6 3.6 Clock Input t6–14+ t6–14– 14 14 1.0 1.0 4.7 4.7 1.0 1.0 4.3 4.3 1.0 1.0 4.4 4.4 Reset Input t11+4– t11+14– 4 14 1.0 1.0 4.0 4.0 1.0 1.0 3.9 3.9 1.0 1.0 4.2 4.2 Setup TIme Hold Time tsetup thold 14 14 2.5 1.5 2.5 1.5 2.5 1.5 Rise Time (20 to 80%) t+ 14 1.0 3.6 1.1 3.5 1.1 3.7 Fall Time (20 to 80%) t– 14 1.0 3.6 1.1 3.5 1.1 3.7 1. Individually test each input; apply VILmin to pin under test. 2. Output latched to high logic state prior to test. |
유사한 부품 번호 - MC10175P |
|
유사한 설명 - MC10175P |