전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24WC32GXATE13D 데이터시트(PDF) 6 Page - Catalyst Semiconductor

부품명 CAT24WC32GXATE13D
상세설명  32K/64K-Bit I2C Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC32GXATE13D 데이터시트(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT24WC32GXATE13D Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC32GXATE13D Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC32GXATE13D Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC32GXATE13D Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC32GXATE13D Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC32GXATE13D Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC32GXATE13D Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC32GXATE13D Datasheet HTML 9Page - Catalyst Semiconductor CAT24WC32GXATE13D Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CAT24WC32/64
6
Doc. No. 1039, Rev. G
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
A15–A8
SLAVE
ADDRESS
S
A
C
K
A
C
K
A
C
K
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
A7–A0
BYTE ADDRESS
DATA n+31/63
DATA
A
C
K
S
T
O
P
A
C
K
DATA n
A
C
K
P
A
C
K
*
X
XX
A15–A8
SLAVE
ADDRESS
S
A
C
K
A
C
K
DATA
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
A7–A0
BYTE ADDRESS
A
C
K
*
X
XX
WRITE OPERATIONS
Byte Write
In the Byte Write mode, the Master device sends the
START condition and the slave address information
(with the R/
W bit set to zero) to the Slave device. After
the Slave generates an acknowledge, the Master sends
two 8-bit address words that are to be written into the
address pointers of the CAT24WC32/64. After receiving
another acknowledge from the Slave, the Master device
transmits the data to be written into the addressed
memory location. The CAT24WC32/64 acknowledges
once more and the Master generates the STOP condi-
tion. At this time, the device begins an internal program-
ming cycle to nonvolatile memory. While the cycle is in
progress, the device will not respond to any request from
the Master device.
Page Write
The CAT24WC32/64 writes up to 32/64 bytes of data, in
a single write cycle, using the Page Write operation.
CAT24WC32/64, Die revision B = 32 byte page.
CAT24WC64, Die revision D = 64 byste page. The page
write operation is initiated in the same manner as the
byte write operation, however instead of terminating
after the initial byte is transmitted, the Master is allowed
to send up to 31/63 additional bytes. After each byte has
been transmitted, CAT24WC32/64 will respond with an
acknowledge, and internally increment the five low order
address bits by one. The high order bits remain un-
changed.
If the Master transmits more than 32/64 bytes before
sending the STOP condition, the address counter ‘wraps
around’, and previously transmitted data will be
overwritten.
When all 32/64 bytes are received, and the STOP
condition has been sent by the Master, the internal
programming cycle begins. At this point, all received
data is written to the CAT24WC32/64 in a single
write cycle.
Acknowledge Polling
Disabling of the inputs can be used to take advantage of
the typical write cycle time. Once the stop condition is
issued to indicate the end of the host's write operation,
CAT24WC32/64 initiates the internal write cycle. ACK
polling can be initiated immediately. This involves issu-
ing the start condition followed by the slave address for
a write operation. If CAT24WC32/64 is still busy with the
write operation, no ACK will be returned. If
CAT24WC32/64 has completed the write operation, an
ACK will be returned and the host can then proceed with
the next read or write operation.
WRITE PROTECTION
The Write Protection feature allows the user to protect
against inadvertent programming of the memory array.
If the WP pin is tied to VCC, the entire memory array is
protected and becomes read only. The CAT24WC32/64
24WC32/64 F09
Figure 7. Page Write Timing
Figure 6. Byte Write Timing
24WC32/64 F08
* = Don't care bit for 24WC32
X= Don't care bit


유사한 부품 번호 - CAT24WC32GXATE13D

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24WC32 CATALYST-CAT24WC32 Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS E2PROM
CAT24WC32J1.8TE13B CATALYST-CAT24WC32J1.8TE13B Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS E2PROM
CAT24WC32JA-1.8TE13B CATALYST-CAT24WC32JA-1.8TE13B Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32JA1.8TE13B CATALYST-CAT24WC32JA1.8TE13B Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS E2PROM
CAT24WC32JATE13B CATALYST-CAT24WC32JATE13B Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS E2PROM
More results

유사한 설명 - CAT24WC32GXATE13D

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32 Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com