전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC12093MNR4G 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC12093MNR4G
상세설명  /2,/4,/8 1.1 GHz Low Power Prescaler with Stand?묪y Mode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC12093MNR4G 데이터시트(HTML) 1 Page - ON Semiconductor

  MC12093MNR4G Datasheet HTML 1Page - ON Semiconductor MC12093MNR4G Datasheet HTML 2Page - ON Semiconductor MC12093MNR4G Datasheet HTML 3Page - ON Semiconductor MC12093MNR4G Datasheet HTML 4Page - ON Semiconductor MC12093MNR4G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 6
1
Publication Order Number:
MC12093/D
MC12093
÷2, ÷4, ÷8 1.1 GHz Low
Power Prescaler with
Stand−By Mode
Description
The MC12093 is a single modulus prescaler for low power
frequency division of a 1.1 GHz high frequency input signal.
MOSAIC V
™ technology is utilized to achieve low power dissipation
of 6.75 mW at a minimum supply voltage of 2.7 V.
On−chip output termination provides output current to drive a
2.0 pF (typical) high impedance load. If additional drive is required
for the prescaler output, an external resistor can be added parallel from
the OUT pin to GND to increase the output power. Care must be taken
not to exceed the maximum allowable current through the output.
Divide ratio control inputs SW1 and SW2 select the required divide
ratio of
÷2, ÷4, or ÷8.
Stand−By mode is featured to reduce current drain to 50
mA typical
when the standby pin SB is switched LOW disabling the prescaler.
Features
1.1 GHz Toggle Frequency
Supply Voltage 2.7 V to 5.5 Vdc
Low Power 3.0 mA Typical
Operating Temperature −40°C to 85°C
Divide by 2, 4 or 8 Selected by SW1 and SW2 Pins
On−Chip Termination
Pb−Free Packages are Available
Table 1. FUNCTIONAL TABLE
SW
SW2
Divide Ratio
L
L
8
H
L
4
L
H
4
H
H
2
1. SW1 & SW2: H = (VCC − 0.5 V) to VCC; L = Open.
2. SB: H = 2.0 V to VCC, L = GND to 0.8 V.
Figure 1. Function Chart
IN
÷2
÷4
÷8
http://onsemi.com
SO−8
D SUFFIX
CASE 751
PIN CONNECTIONS
MARKING
DIAGRAM
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
IN
8
IN
VCC
SW2
OUT
SB
SW1
Gnd
7
6
5
1
2
3
4
(Top View)
A LOW on the Stand−By Pin 7 disables the device.
1
8
12093
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
14
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION


유사한 부품 번호 - MC12093MNR4G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC12093MNR4G ONSEMI-MC12093MNR4G Datasheet
144Kb / 5P
   1.1 GHz Low Power Prescaler with Stand?륛y Mode
August, 2016 ??Rev. 8
More results

유사한 설명 - MC12093MNR4G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC12095 ONSEMI-MC12095_06 Datasheet
133Kb / 8P
   2.5 GHz Low Power Prescaler With Stand?묪y Mode
January, 2006 ??Rev. 6
MC12093 ONSEMI-MC12093_16 Datasheet
144Kb / 5P
   1.1 GHz Low Power Prescaler with Stand?륛y Mode
August, 2016 ??Rev. 8
logo
Motorola, Inc
MC12053A MOTOROLA-MC12053A Datasheet
252Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler With Stand-By Mode
MC12093 MOTOROLA-MC12093 Datasheet
244Kb / 3P
   /2,/4,/8 1.1GHz Low Power Prescaler with Stand-By Mode
MC12095 MOTOROLA-MC12095 Datasheet
250Kb / 5P
   2.5 GHz Low Power Prescaler With Stand-By Mode
logo
ON Semiconductor
MC12095 ONSEMI-MC12095 Datasheet
43Kb / 8P
   2.5 GHz Low Power Prescaler With Stand-By Mode
November, 2001 ??Rev. 5
MC12080 ONSEMI-MC12080_13 Datasheet
107Kb / 4P
   1.1 GHz Prescaler
May, 2013 ??Rev. 7
MC12080 ONSEMI-MC12080_06 Datasheet
123Kb / 4P
   1.1 GHz Prescaler
January, 2006 ??Rev. 6
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038_08 Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com