전자부품 데이터시트 검색엔진 |
|
MC14040B 데이터시트(PDF) 7 Page - ON Semiconductor |
|
MC14040B 데이터시트(HTML) 7 Page - ON Semiconductor |
7 / 8 page MC14040B http://onsemi.com 7 PACKAGE DIMENSIONS TSSOP−16 DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948F−01 ISSUE A DIM MIN MAX MIN MAX INCHES MILLIMETERS A 4.90 5.10 0.193 0.200 B 4.30 4.50 0.169 0.177 C −−− 1.20 −−− 0.047 D 0.05 0.15 0.002 0.006 F 0.50 0.75 0.020 0.030 G 0.65 BSC 0.026 BSC H 0.18 0.28 0.007 0.011 J 0.09 0.20 0.004 0.008 J1 0.09 0.16 0.004 0.006 K 0.19 0.30 0.007 0.012 K1 0.19 0.25 0.007 0.010 L 6.40 BSC 0.252 BSC M 0 8 0 8 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE −W−. __ _ _ SECTION N−N SEATING PLANE IDENT. PIN 1 1 8 16 9 DETAIL E J J1 B C D A K K1 H G DETAIL E F M L 2X L/2 −U− S U 0.15 (0.006) T S U 0.15 (0.006) T S U M 0.10 (0.004) V S T 0.10 (0.004) −T− −V− −W− 0.25 (0.010) 16X REF K N N |
유사한 부품 번호 - MC14040B |
|
유사한 설명 - MC14040B |