전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYC8B-600 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 BYC8B-600
상세설명  Rectifier diode ultrafast, low switching loss
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC8B-600 데이터시트(HTML) 3 Page - NXP Semiconductors

  BYC8B-600 Datasheet HTML 1Page - NXP Semiconductors BYC8B-600 Datasheet HTML 2Page - NXP Semiconductors BYC8B-600 Datasheet HTML 3Page - NXP Semiconductors BYC8B-600 Datasheet HTML 4Page - NXP Semiconductors BYC8B-600 Datasheet HTML 5Page - NXP Semiconductors BYC8B-600 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diode
BYC8B-600
ultrafast, low switching loss
Fig.3. Maximum forward dissipation as a function of
average forward current; rectangular current
waveform where I
F(AV) =IF(RMS) x √D.
Fig.4. Typical reverse recovery switching losses in
diode, as a function of rate of change of current dI
F/dt.
Fig.5. Typical switching losses in transistor due to
reverse recovery of diode, as a function of of change
of current dI
F/dt.
Fig.6. Origin of switching losses in transistor due to
diode reverse recovery.
Fig.7. Typical reverse recovery time t
rr, as a function
of rate of change of current dI
F/dt.
Fig.8. Typical peak reverse recovery current, I
rrm as a
function of rate of change of current dI
F/dt.
02468
10
12
0
5
10
15
20
25
D = 1.0
0.5
0.2
0.1
BYC8-600
Rs = 0.05625 Ohms
Vo = 1.4 V
150
Average forward current, IF(AV) (A)
Forward dissipation, PF (W)
Tmb(max) C
139
128
117
106
95
D =
tp
tp
T
T
t
I
time
ID
Irrm
VD
dIF/dt
ID = IL
losses due to
diode reverse recovery
100
1000
0
0.05
0.1
0.15
0.2
0.25
BYC8-600
Rate of change of current, dIF/dt (A/us)
f = 20 kHz
Diode reverse recovery switching losses, Pdsw (W)
IF = 8 A
Tj = 125 C
VR = 400 V
16 A
12 A
100
1000
10
100
BYC8-600
Rate of change of current, dIF/dt (A/us)
Reverse recovery time, trr (ns)
IF = 5 A
16 A
12 A
8 A
Tj = 125 C
VR = 400 V
100
1000
0
1
2
3
4
5
6
7
8
BYC8-600
Rate of change of current, dIF/dt (A/us)
Transistor losses due to diode reverse recovery, Ptsw (W)
IF = 5 A
12 A
16 A
8 A
f = 20 kHz
Tj = 125 C
VR = 400 V
100
1000
1
10
100
BYC8-600
Rate of change of current, dIF/dt (A/us)
Peak reverse recovery current, Irrm (A)
Tj = 125 C
VR = 400 V
IF = 5 A
16 A
October 1998
3
Rev 1.200


유사한 부품 번호 - BYC8B-600

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BYC8B-600 PHILIPS-BYC8B-600 Datasheet
62Kb / 6P
   Rectifier diode ultrafast, low switching loss
October 1998 Rev 1.200
logo
WeEn Semiconductors
BYC8B-600 WEEN-BYC8B-600 Datasheet
828Kb / 8P
   Rectifier diode ultrafast, low switching loss
BYC8B-600P WEEN-BYC8B-600P Datasheet
247Kb / 10P
   Hyperfast power diode
logo
NXP Semiconductors
BYC8B-600P PHILIPS-BYC8B-600P_15 Datasheet
201Kb / 9P
   Hyperfast power diode
26 February 2014
BYC8B-600 PHILIPS-BYC8B-600_15 Datasheet
123Kb / 8P
   Rectifier diode ultrafast, low switching loss
March 2001
More results

유사한 설명 - BYC8B-600

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BYC5-600 PHILIPS-BYC5-600 Datasheet
57Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
logo
Unisonic Technologies
BYC8-600 UTC-BYC8-600 Datasheet
144Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
logo
NXP Semiconductors
BYC8-600 PHILIPS-BYC8-600 Datasheet
59Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
BYC8B-600 PHILIPS-BYC8B-600 Datasheet
62Kb / 6P
   Rectifier diode ultrafast, low switching loss
October 1998 Rev 1.200
BYC10B-600 PHILIPS-BYC10B-600_15 Datasheet
121Kb / 8P
   Rectifier diode ultrafast, low switching loss
March 2001
logo
Unisonic Technologies
BYC10-600 UTC-BYC10-600_15 Datasheet
163Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
BYC5 UTC-BYC5 Datasheet
165Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
BYC5-600 UTC-BYC5-600 Datasheet
132Kb / 3P
   ULTRAFAST, LOW SWITCHING LOSS RECTIFIER DIODE
logo
WeEn Semiconductors
BYC10B-600 WEEN-BYC10B-600 Datasheet
936Kb / 8P
   Rectifier diode ultrafast, low switching loss
logo
NXP Semiconductors
BYC5-600 PHILIPS-BYC5-600 Datasheet
63Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998
BYC10-600 PHILIPS-BYC10-600 Datasheet
58Kb / 6P
   Rectifier diode ultrafast, low switching loss
September 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com