전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A2TPMI337AOBC 데이터시트(PDF) 14 Page - PerkinElmer Optoelectronics

부품명 A2TPMI337AOBC
상세설명  Thermopile with integrated signal processing circuit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERKINELMER [PerkinElmer Optoelectronics]
홈페이지  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

A2TPMI337AOBC 데이터시트(HTML) 14 Page - PerkinElmer Optoelectronics

Back Button A2TPMI337AOBC Datasheet HTML 10Page - PerkinElmer Optoelectronics A2TPMI337AOBC Datasheet HTML 11Page - PerkinElmer Optoelectronics A2TPMI337AOBC Datasheet HTML 12Page - PerkinElmer Optoelectronics A2TPMI337AOBC Datasheet HTML 13Page - PerkinElmer Optoelectronics A2TPMI337AOBC Datasheet HTML 14Page - PerkinElmer Optoelectronics A2TPMI337AOBC Datasheet HTML 15Page - PerkinElmer Optoelectronics A2TPMI337AOBC Datasheet HTML 16Page - PerkinElmer Optoelectronics A2TPMI337AOBC Datasheet HTML 17Page - PerkinElmer Optoelectronics A2TPMI337AOBC Datasheet HTML 18Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Datasheet
A2TPMI Ô
A2TPMI Datasheet Rev4
Page 14 of 21
Rev. Oct 2003
LATCHUP AVOIDANCE
Junction isolated CMOS circuits inherently include a parasitic 4 layer (PNPN) structure which has char-
acteristics similar to a thyristor (SCR). Under certain circumstances this junction may be triggered into a
low impedance state, resulting in excessive supply current, which can thermally destroy the circuit.
To avoid this condition, no voltage greater than 0.3 V beyond the supply rails should be applied to any
pin. In general the ATPMI supplies must be established either at the same time or before any signals
are applied to the inputs. If this is not possible the drive circuits must limit the input current flow to
maximum 5mA to avoid latchup. In general the device has to be operated with a 100 nF capacitor in
parallel to the power supply.
SOLDERING
The TPMI is a lead-free component and fully complies with the ROHS regulations, especially with exist-
ing roadmaps of lead-free soldering. The terminations of the TPMI sensor consist of nickel plated Kovar
and gold finish. Hand soldering is recommended.


유사한 부품 번호 - A2TPMI337AOBC

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
A2T07D160W04S NXP-A2T07D160W04S Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07D160W04SR3 NXP-A2T07D160W04SR3 Datasheet
854Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A2T07H310-24S NXP-A2T07H310-24S Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T07H310-24SR6 NXP-A2T07H310-24SR6 Datasheet
763Kb / 24P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T08VD020N NXP-A2T08VD020N Datasheet
669Kb / 20P
   N--Channel Enhancement--Mode Lateral MOSFET
Rev. 1, 05/2017
More results

유사한 설명 - A2TPMI337AOBC

제조업체부품명데이터시트상세설명
logo
PerkinElmer Optoelectro...
TPMI PERKINELMER-TPMI Datasheet
685Kb / 5P
   Thermopile Sensor Module With Integrated Signal Processing
logo
NTE Electronics
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
   Integrated Circuit TV Video Signal Processing Circuit
NTE1805 NTE-NTE1805 Datasheet
28Kb / 3P
   Integrated Circuit Recording Video Signal Processing Circuit
NTE7112 NTE-NTE7112 Datasheet
28Kb / 3P
   Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
logo
Sanyo Semicon Device
LA76922M SANYO-LA76922M Datasheet
141Kb / 3P
   Signal-Processing IC with Integrated Microcontroller
logo
Renesas Technology Corp
MR2001_RD RENESAS-MR2001_RD Datasheet
246Kb / 2P
   radar transceiver with integrated signal processing
logo
NTE Electronics
NTE7045 NTE-NTE7045 Datasheet
26Kb / 2P
   Integrated Circuit Horizontal Signal Processing Circuit for CRT Displays
logo
KODENSHI_AUK CORP.
ORA1S01 KODENSHI-ORA1S01 Datasheet
125Kb / 2P
   Integrated LED drive circuit and PSD signal processing circuit
logo
Hamamatsu Corporation
C9068 HAMAMATSU-C9068 Datasheet
268Kb / 2P
   PSD signal processing circuit
logo
List of Unclassifed Man...
TBA890 ETC-TBA890 Datasheet
297Kb / 7P
   TELEVISION SIGNAL PROCESSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com