전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33025 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MC33025
상세설명  High Speed Double?묮nded PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33025 데이터시트(HTML) 2 Page - ON Semiconductor

  MC33025 Datasheet HTML 1Page - ON Semiconductor MC33025 Datasheet HTML 2Page - ON Semiconductor MC33025 Datasheet HTML 3Page - ON Semiconductor MC33025 Datasheet HTML 4Page - ON Semiconductor MC33025 Datasheet HTML 5Page - ON Semiconductor MC33025 Datasheet HTML 6Page - ON Semiconductor MC33025 Datasheet HTML 7Page - ON Semiconductor MC33025 Datasheet HTML 8Page - ON Semiconductor MC33025 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MC34025, MC33025
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
30
V
Output Driver Supply Voltage
VC
25
V
Output Current, Source or Sink (Note 1)
DC
Pulsed (0.5
ms)
IO
0.5
2.0
A
Current Sense, Soft−Start, Ramp, and Error Amp Inputs
Vin
−0.3 to +7.0
V
Error Amp Output and Soft−Start Sink Current
IO
10
mA
Clock and RT Output Current
ICO
5.0
mA
Power Dissipation and Thermal Characteristics
SO−16 Package (Case 751G)
Maximum Power Dissipation @ TA = + 25°C
Thermal Resistance, Junction−to−Air
DIP Package (Case 648)
Maximum Power Dissipation @ TA = + 25°C
Thermal Resistance, Junction−to−Air
PD
RqJA
PD
RqJA
862
145
1.25
100
mW
°C/W
W
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature (Note 2)
MC34025
MC33025
TA
0 to +70
−40 to +105
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (VCC = 15 V, RT = 3.65 kW, CT = 1.0 nF, for typical values TA = + 25°C, for min/max values TA
is the operating ambient temperature range that applies [Note 2], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Output Voltage (IO = 1.0 mA, TJ = + 25°C)
Vref
5.05
5.1
5.15
V
Line Regulation (VCC = 10 V to 30 V)
Regline
2.0
15
mV
Load Regulation (IO = 1.0 mA to 10 mA)
Regload
2.0
15
mV
Temperature Stability
TS
0.2
mV/
°C
Total Output Variation over Line, Load, and Temperature
Vref
4.95
5.25
V
Output Noise Voltage (f = 10 Hz to 10 kHz, TJ = + 25°C)
Vn
50
mV
Long Term Stability (TA = +125°C for 1000 Hours)
S
5.0
mV
Output Short Circuit Current
ISC
−30
−65
−100
mA
OSCILLATOR SECTION
Frequency
TJ = + 25°C
Line (VCC = 10 V to 30 V) and Temperature (TA = Tlow to Thigh)
fosc
380
370
400
400
420
430
kHz
Frequency Change with Voltage (VCC = 10 V to 30 V)
Dfosc/DV
0.2
1.0
%
Frequency Change with Temperature (TA = Tlow to Thigh)
Dfosc/DT
2.0
%
Sawtooth Peak Voltage
VP
2.6
2.8
3.0
V
Sawtooth Valley Voltage
VV
0.7
1.0
1.25
V
Clock Output Voltage
High State
Low State
VOH
VOL
3.9
4.5
2.3
2.9
V
1. Maximum package power dissipation limits must be observed.
2. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Tlow = 0°C for MC34025
Thigh = +70°C for MC34025
Tlow = − 40°C for MC33025
Thigh = +105°C for MC33025


유사한 부품 번호 - MC33025

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33025 ONSEMI-MC33025 Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
MC33025 ONSEMI-MC33025 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33025DW ONSEMI-MC33025DW Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
MC33025DWG ONSEMI-MC33025DWG Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC33025DWR2G ONSEMI-MC33025DWR2G Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
More results

유사한 설명 - MC33025

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC34023 ONSEMI-MC34023_05 Datasheet
441Kb / 18P
   High Speed Single?묮nded PWM Controller
October, 2005 ??Rev. 6
MC33025 ONSEMI-MC33025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025 Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com