전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33025DWR2 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC33025DWR2
상세설명  High Speed Double?묮nded PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33025DWR2 데이터시트(HTML) 1 Page - ON Semiconductor

  MC33025DWR2 Datasheet HTML 1Page - ON Semiconductor MC33025DWR2 Datasheet HTML 2Page - ON Semiconductor MC33025DWR2 Datasheet HTML 3Page - ON Semiconductor MC33025DWR2 Datasheet HTML 4Page - ON Semiconductor MC33025DWR2 Datasheet HTML 5Page - ON Semiconductor MC33025DWR2 Datasheet HTML 6Page - ON Semiconductor MC33025DWR2 Datasheet HTML 7Page - ON Semiconductor MC33025DWR2 Datasheet HTML 8Page - ON Semiconductor MC33025DWR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2005
October, 2005 − Rev. 7
1
Publication Order Number:
MC34025/D
MC34025, MC33025
High Speed Double−Ended
PWM Controller
The MC34025 series are high speed, fixed frequency, double−ended
pulse width modulator controllers optimized for high frequency
operation. They are specifically designed for Off−Line and
DC−to−DC converter applications offering the designer a cost
effective solution with minimal external components. These
integrated circuits feature an oscillator, a temperature compensated
reference, a wide bandwidth error amplifier, a high speed current
sensing comparator, steering flip−flop, and dual high current totem
pole outputs ideally suited for driving power MOSFETs.
Also included are protective features consisting of input and
reference undervoltage lockouts each with hysteresis, cycle−by−cycle
current limiting, and a latch for single pulse metering.
The flexibility of this series allows it to be easily configured for
either current mode or voltage mode control.
Features
50 ns Propagation Delay to Outputs
Dual High Current Totem Pole Outputs
Wide Bandwidth Error Amplifier
Fully−Latched Logic with Double Pulse Suppression
Latching PWM for Cycle−By−Cycle Current Limiting
Soft−Start Control with Latched Overcurrent Reset
Input Undervoltage Lockout with Hysteresis
Low Startup Current (500 mA Typ)
Internally Trimmed Reference with Undervoltage Lockout
45% Maximum Duty Cycle (Externally Adjustable)
Precision Trimmed Oscillator
Voltage or Current Mode Operation to 1.0 MHz
Functionally Similar to the UC3825
Pb−Free Packages are Available*
Figure 1. Simplified Application
Error
Amp
Oscillator
4
16
Vref
Clock
5
6
RT
CT
3
7
Ramp
Error Amp
Output
2
Inverting
Input 1
8
Soft−Start
Soft−Start
Latching
PWM and
Steering
Flip Flop
Ground
10
9
Current
Limit/
Shutdown
Output B
14
VC
13
VCC
15
UVLO
5.1V
Reference
11
Noninverting
Input
Power
Ground
12
Output A
This device contains 227 active transistors.
PDIP−16
P SUFFIX
CASE 648
1
16
SO−16WB
DW SUFFIX
CASE 751G
1
16
MARKING
DIAGRAMS
PIN CONNECTIONS
1
16
MC3x025P
AWLYYWWG
11
5
2
1
Error Amp
Noninverting Input
Current Limit/
Shutdown
Ground
Output A
Power Ground
VC
Output B
VCC
Vref
9
10
12
13
14
15
16
8
7
6
4
3
(Top View)
Soft−Start
Ramp
CT
RT
Clock
Error Amp Output
Error Amp
Inverting Input
http://onsemi.com
*For additional information on our Pb−Free strategy
and soldering details, please download the
ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.
16
1
MC3x025DW
AWLYYWWG
x
= 3 or 4
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 18 of this data sheet.
ORDERING INFORMATION


유사한 부품 번호 - MC33025DWR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33025DWR2G ONSEMI-MC33025DWR2G Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
More results

유사한 설명 - MC33025DWR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC34023 ONSEMI-MC34023_05 Datasheet
441Kb / 18P
   High Speed Single?묮nded PWM Controller
October, 2005 ??Rev. 6
MC33025 ONSEMI-MC33025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025 Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com