전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33025DWR2 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MC33025DWR2
상세설명  High Speed Double?묮nded PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33025DWR2 데이터시트(HTML) 4 Page - ON Semiconductor

  MC33025DWR2 Datasheet HTML 1Page - ON Semiconductor MC33025DWR2 Datasheet HTML 2Page - ON Semiconductor MC33025DWR2 Datasheet HTML 3Page - ON Semiconductor MC33025DWR2 Datasheet HTML 4Page - ON Semiconductor MC33025DWR2 Datasheet HTML 5Page - ON Semiconductor MC33025DWR2 Datasheet HTML 6Page - ON Semiconductor MC33025DWR2 Datasheet HTML 7Page - ON Semiconductor MC33025DWR2 Datasheet HTML 8Page - ON Semiconductor MC33025DWR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MC34025, MC33025
http://onsemi.com
4
Gain
Phase
1
CT=
1. 100 nF
2. 47 nF
3. 22 nF
4. 10 nF
5. 4.7 nF
6. 2.2 nF
7. 1.0 nF
8. 470 pF
9. 220 pF
2
3
4
5
6
7
8
9
−55
−25
0
25
75
100
125
Figure 2. Timing Resistor versus
Oscillator Frequency
100
1000
104
105
106
107
fosc, OSCILLATOR FREQUENCY (Hz)
Figure 3. Oscillator Frequency versus Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 4. Error Amp Open Loop Gain and
Phase versus Frequency
10
100
1.0 k
10 k
100 k
1.0 M
10 M
f, FREQUENCY (Hz)
Figure 5. PWM Comparator Zero Duty Cycle
Threshold Voltage versus Temperature
−55
−25
0
25
50
75
100
TA, AMBIENT TEMPERATURE (°C)
Figure 6. Error Amp Small Signal
Transient Response
Figure 7. Error Amp Large Signal
Transient Response
125
0
45
90
135
0.1
ms/DIV
0.1
ms/DIV
VCC = 15 V
RT = 3.6 k
CT = 1.0 nF
RT = 1.2 k
CT = 1.0 nF
RT = 36 k
CT = 1.0 nF
50
50 kHz
400 kHz
1.0 MHz
VCC = 15 V
Pin 7(9) = 0 V
VCC = 15 V
TA = + 25°C
1.3
1.28
1.26
1.24
1.22
1.2
100 k
10 k
1.0 k
470
1200
1000
800
600
400
200
120
100
80
60
40
20
0
0
−20
2.55 V
2.5 V
2.45 V
3.0 V
2.5 V
2.0 V


유사한 부품 번호 - MC33025DWR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33025DWR2G ONSEMI-MC33025DWR2G Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
More results

유사한 설명 - MC33025DWR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC34023 ONSEMI-MC34023_05 Datasheet
441Kb / 18P
   High Speed Single?묮nded PWM Controller
October, 2005 ??Rev. 6
MC33025 ONSEMI-MC33025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025 Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com