전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC33063AP1 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MC33063AP1
상세설명  1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33063AP1 데이터시트(HTML) 4 Page - ON Semiconductor

  MC33063AP1 Datasheet HTML 1Page - ON Semiconductor MC33063AP1 Datasheet HTML 2Page - ON Semiconductor MC33063AP1 Datasheet HTML 3Page - ON Semiconductor MC33063AP1 Datasheet HTML 4Page - ON Semiconductor MC33063AP1 Datasheet HTML 5Page - ON Semiconductor MC33063AP1 Datasheet HTML 6Page - ON Semiconductor MC33063AP1 Datasheet HTML 7Page - ON Semiconductor MC33063AP1 Datasheet HTML 8Page - ON Semiconductor MC33063AP1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MC34063A, MC33063A, NCV33063A
http://onsemi.com
4
ton
VCC = 5.0 V
Pin 7 = VCC
Pin 5 = GND
TA = 25°C
toff
Figure 2. Output Switch On−Off Time versus
Oscillator Timing Capacitor
Figure 3. Timing Capacitor Waveform
0.01 0.02
0.05
0.1
0.2
0.5 1.0
2.0
5.0 10
CT, OSCILLATOR TIMING CAPACITOR (nF)
10
ms/DIV
VCC = 5.0 V
Pin 7 = VCC
Pin 2 = GND
Pins 1, 5, 8 = Open
CT = 1.0 nF
TA = 25°C
1000
500
200
100
50
20
10
5.0
2.0
1.0
Figure 4. Emitter Follower Configuration Output
Saturation Voltage versus Emitter Current
Figure 5. Common Emitter Configuration Output
Switch Saturation Voltage versus
Collector Current
Figure 6. Current Limit Sense Voltage
versus Temperature
Figure 7. Standby Supply Current versus
Supply Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IE, EMITTER CURRENT (A)
VCC = 5.0 V
Pins 1, 7, 8 = VCC
Pins 3, 5 = GND
TA = 25°C
(See Note 7)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
IC, COLLECTOR CURRENT(A)
Darlington Connection
Forced
b = 20
−55
−25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
VCC = 5.0 V
Ichg = Idischg
0
5.0
10
15
20
25
30
35
40
VCC, SUPPLY VOLTAGE (V)
CT = 1.0 nF
Pin 7 = VCC
Pin 2 = GND
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
1.1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
400
380
360
340
320
300
280
260
240
220
200
3.6
3.2
2.4
2.0
1.6
1.2
0.8
0.4
0
1.0
2.8
VCC = 5.0 V
Pin 7 = VCC
Pins 2, 3, 5 = GND
TA = 25°C
(See Note 7)
7. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient temperature as possible.


유사한 부품 번호 - MC33063AP1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC33063AP1 ONSEMI-MC33063AP1 Datasheet
200Kb / 12P
   DC-to-DC CONVERTER CONTROL CIRCUITS
1996 REV 5
MC33063AP1 ONSEMI-MC33063AP1 Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
logo
Motorola, Inc
MC33063AP1 MOTOROLA-MC33063AP1 Datasheet
948Kb / 15P
   DC-to-DC Converter Control Circuits SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
ON Semiconductor
MC33063AP1 ONSEMI-MC33063AP1 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063AP1 ONSEMI-MC33063AP1 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results

유사한 설명 - MC33063AP1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34166 ONSEMI-MC34166_10 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34167 ONSEMI-MC34167_10 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com