전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC399 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 74AC399
상세설명  Quad 2-Port Register
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC399 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  74AC399_00 Datasheet HTML 1Page - Fairchild Semiconductor 74AC399_00 Datasheet HTML 2Page - Fairchild Semiconductor 74AC399_00 Datasheet HTML 3Page - Fairchild Semiconductor 74AC399_00 Datasheet HTML 4Page - Fairchild Semiconductor 74AC399_00 Datasheet HTML 5Page - Fairchild Semiconductor 74AC399_00 Datasheet HTML 6Page - Fairchild Semiconductor 74AC399_00 Datasheet HTML 7Page - Fairchild Semiconductor 74AC399_00 Datasheet HTML 8Page - Fairchild Semiconductor 74AC399_00 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, with-
out exception, to ensure that the system design is reliable over its power
supply, temperature, and output/input loading variables. National does not
recommend operation of FACT
 circuits outside databook specifications.
DC Electrical Characteristics for AC
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
VI = VCC + 0.5V
+20 mA
DC Input Voltage (VI)
−0.5V to V
CC + 0.5V
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
VO = VCC + 0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to V
CC + 0.5V
DC Output Source or
Sink Current (IO)
±50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
±50 mA
Storage Temperature (TSTG)
−65°C to +150°C
Junction Temperature (TJ)
PDIP
+140°C
Supply Voltage (VCC)
AC
2.0V to 6.0V
ACT
4.5V to 5.5V
Input Voltage (VI)0V to VCC
Output Voltage (VO)0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆V/∆t)
AC Devices
VIN from 30% to 70% of VCC
VCC @ 3.3V, 4.5V, 5.5V
125 mV/ns
Minimum Input Edge Rate (
∆V/∆t)
ACT Devices
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
125 mV/ns
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
3.0
1.5
2.1
2.1
VOUT = 0.1V
Input Voltage
4.5
2.25
3.15
3.15
V
or VCC −0.1V
5.5
2.75
3.85
3.85
VIL
Maximum LOW Level
3.0
1.5
0.9
0.9
VOUT = 0.1V
Input Voltage
4.5
2.25
1.35
1.35
V
or VCC − 0.1V
5.5
2.75
1.65
1.65
VOH
Minimum HIGH Level
3.0
2.99
2.9
2.9
Output Voltage
4.5
4.49
4.4
4.4
V
IOUT = −50 µA
5.55.495.4
5.4
VIN = VIL or VIH
3.0
2.56
2.46
IOH= −12 mA
4.5
3.86
3.76
V
IOH= −24 mA
5.5
4.86
4.76
IOH= −24 mA (Note 2)
VOL
Maximum LOW Level
3.0
0.002
0.1
0.1
Output Voltage
4.5
0.001
0.1
0.1
V
IOUT = 50 µA
5.5
0.001
0.1
0.1
VIN = VIL or VIH
3.0
0.36
0.44
IOL= 12 mA
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 2)
IIN
Maximum Input Leakage Current
5.5
±0.1
±1.0
µAV
I = VCC, GND
IOZ
Maximum 3-STATE
VI (OE) = VIL, VIH
Current
5.5
±0.5
±5.0
µAV
I = VCC, GND
VO = VCC, GND
IOLD
Minimum Dynamic
5.5
75
mA
VOLD = 1.65V Max
IOHD
Output Current (Note 3)
5.5
−75
mA
VOHD = 3.85V Min
ICC
Maximum Quiescent Supply Current
5.5
4.0
40.0
µAV
IN = VCC or GND


유사한 부품 번호 - 74AC399_00

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC399PC FAIRCHILD-74AC399PC Datasheet
87Kb / 8P
   Quad 2-Port Register
74AC399SC FAIRCHILD-74AC399SC Datasheet
87Kb / 8P
   Quad 2-Port Register
More results

유사한 설명 - 74AC399_00

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
SN54LS398 MOTOROLA-SN54LS398 Datasheet
209Kb / 6P
   QUAD 2-PORT REGISTER
logo
Fairchild Semiconductor
74F398 FAIRCHILD-74F398 Datasheet
105Kb / 9P
   Quad 2-Port Register
logo
National Semiconductor ...
54F398DM NSC-54F398DM Datasheet
178Kb / 10P
   Quad 2-Port Register
logo
Motorola, Inc
MC74AC398 MOTOROLA-MC74AC398 Datasheet
392Kb / 8P
   Quad 2-Port Register
logo
Fairchild Semiconductor
74F399 FAIRCHILD-74F399 Datasheet
77Kb / 7P
   Quad 2-Port Register
74AC399 FAIRCHILD-74AC399 Datasheet
87Kb / 8P
   Quad 2-Port Register
logo
National Semiconductor ...
54ACT399 NSC-54ACT399 Datasheet
137Kb / 6P
   Quad 2-Port Register
logo
Motorola, Inc
MC5474F398 MOTOROLA-MC5474F398 Datasheet
81Kb / 3P
   QUAD 2-PORT REGISTER
logo
National Semiconductor ...
54LS298 NSC-54LS298 Datasheet
84Kb / 3P
   QUAD 2-PORT REGISTER MULTIPLEXER WITH STORAGE
logo
Fairchild Semiconductor
DM74LS298 FAIRCHILD-DM74LS298 Datasheet
43Kb / 4P
   Quad 2-Port Register Multiplexer with Storage
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com