전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

WM8150_05 데이터시트(Datasheet) 3 Page - Wolfson Microelectronics plc

부품명 WM8150_05
상세내용  Single Channel 12-bit CIS/CCD AFE with 4-bit Wide Output
PDF  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  WOLFSON [Wolfson Microelectronics plc]
홈페이지  http://www.wolfsonmicro.com
Logo 

 
 3 page
background image
Production Data
WM8150
w
PD Rev 4.1 February 2005
3
PIN CONFIGURATION
WM8150
1VINP
2
3
4
5
6
7
8
10
9
20
19
18
17
16
15
14
13
11
12
DVDD1
VSMP
MCLK
DGND
SEN
DVDD2
SDI
SCK
OP[0]
AGND2
VRLC/VBIAS
VRX
VRT
VRB
AGND1
AVDD
OP[3]/SDO
OP[1]
OP[2]
ORDERING INFORMATION
DEVICE
TEMPERATURE
RANGE
PACKAGE
MOISTURE SENSITIVITY
LEVEL
PEAK SOLDERING
TEMPERATURE
WM8150CDS
0 to 70
oC
20-pin SSOP
MSL1
260
oC
WM8150CDS/R
0 to 70
oC
20-pin SSOP
(tape and reel)
MSL1
260
oC
WM8150SCDS
0 to 70
oC
20-pin SSOP
(Pb-free)
MSL1
260
oC
WM8150SCDS/R
0 to 70
oC
20-pin SSOP
(Pb-free, tape and reel)
MSL1
260
oC
Note:
Reel quantity = 2,000




Html 페이지

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


데이터시트



관련 부품명

부품명상세내용Html View제조사
WM8152Single Channel 16-bit CIS/CCD AFE with 4-bit Wide Output 1 2 3 4 5 MoreWolfson Microelectronics plc
ZL5007432 K x 32 K Channel TDM Switch with 128 Input and 128 Output Streams 1 2 3 4 5 MoreZarlink Semiconductor Inc
DAC122S08512-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output 1 2 3 4 5 MoreNational Semiconductor (TI)
U74AHCT1G125SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT 1 2 3 4 5 Unisonic Technologies
U74AHCT1G126SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT 1 2 3 4 5 Unisonic Technologies
MC74VHC1G05_07Single Inverter with Open Drain Output 1 2 3 4 5 MoreON Semiconductor
ZL500528 K Channel Digital Switch with High Jitter Tolerance Single Rate 32 Mbps and 16 Inputs and 16 Outputs 1 2 3 4 5 MoreZarlink Semiconductor Inc
ZL5006316K-Channel Digital Switch with High Jitter Tolerance Single Rate 32Mbps and 32 Inputs and 32 Output 1 2 3 4 5 MoreZarlink Semiconductor Inc
MAX13634-Channel 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response 1 2 3 4 5 MoreMaxim Integrated Products
CD74AC2834-Bit Binary Fill Adder With Fast Carry 1 2 3 4 5 MoreTexas Instruments

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl