전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NBSG16VSBAEVB 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 NBSG16VSBAEVB
상세설명  2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG16VSBAEVB 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button NBSG16VSBAEVB Datasheet HTML 4Page - ON Semiconductor NBSG16VSBAEVB Datasheet HTML 5Page - ON Semiconductor NBSG16VSBAEVB Datasheet HTML 6Page - ON Semiconductor NBSG16VSBAEVB Datasheet HTML 7Page - ON Semiconductor NBSG16VSBAEVB Datasheet HTML 8Page - ON Semiconductor NBSG16VSBAEVB Datasheet HTML 9Page - ON Semiconductor NBSG16VSBAEVB Datasheet HTML 10Page - ON Semiconductor NBSG16VSBAEVB Datasheet HTML 11Page - ON Semiconductor NBSG16VSBAEVB Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NBSG16VS
http://onsemi.com
8
Table 8. AC CHARACTERISTICS for FCBGA−16 VCC = 0 V; VEE = −3.465 V to −3.0 V or VCC = 3.0 V to 3.465 V; VEE = 0 V
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Frequency
(See Figure 8) (Note 26)
10.7
(Note 29)
12
10.7
(Note 29)
12
10.7
(Note 29)
12
GHz
tPLH,
tPHL
Propagation Delay to Output Differen-
tial
(VCTRL = VCC − 2 V) D → Q, Q
(VCTRL = VCC − 1 V) D → Q, Q
100
100
125
120
145
140
100
100
125
120
145
140
100
100
125
120
145
140
ps
tSKEW
Duty Cycle Skew (Note 27)
3
10
3
10
3
10
ps
tJITTER
RMS Random Clock Jitter
fin < 10 GHz
Peak−to−Peak Data Dependent Jitter
fin < 10 Gb/s
0.8
TBD
2
0.8
TBD
2
0.8
TBD
2
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration) (Note 28)
75
2600
75
2600
75
2600
mV
tr
tf
Output Rise/Fall Times (20% − 80%)
@ 1 GHz
(VCTRL = VCC − 2 V) Q, Q
(VCTRL = VCC − 1 V) Q, Q
30
30
45
40
55
50
30
30
45
40
55
50
30
30
45
40
55
50
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
26. Measured using a 500 mV source, 50% duty cycle clock source. All loading with 50
W to VCC−2.0 V. Input edge rates 40 ps (20% − 80%).
27. tSKEW = |tPLH−tPHL| for a nominal 50% differential clock input waveform. See Figure 10.
28. VINPP(MAX) cannot exceed VCC − VEE (applicable only when VCC − VEE t 2600 mV).
29. Conditions include input amplitude of 500 mV and VCTRL = VCC − 2 V. Minimum output amplitude guarantee of 100 mV (see Output P−P
Spec in Figure 8).
Table 9. AC CHARACTERISTICS for FCBGA−16 VCC = 0 V; −3.0 V tVEE v −2.375 V or 2.375 V v VCC t 3.0 V; VEE = 0 V
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Frequency
(See Figure 9) (Note 30)
10.7
(Note 33)
12
10.7
(Note 33)
12
10.7
(Note 33)
12
GHz
tPLH,
tPHL
Propagation Delay to Output Differen-
tial
(VCTRL = VCC − 2 V) D → Q, Q
(VCTRL = VCC − 1 V) D → Q, Q
100
100
125
120
145
140
100
100
125
120
145
140
100
100
125
120
145
140
ps
tSKEW
Duty Cycle Skew (Note 31)
3
10
3
10
3
10
ps
tJITTER
RMS Random Clock Jitter
fin < 10 GHz
Peak−to−Peak Data Dependent Jitter
fin < 10 Gb/s
0.9
TBD
3
0.9
TBD
3
0.9
TBD
3
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration) (Note 32)
75
2600
75
2600
75
2600
mV
tr
tf
Output Rise/Fall Times (20% − 80%)
@ 1 GHz
(VCTRL = VCC − 2 V) Q, Q
(VCTRL = VCC − 1 V) Q, Q
25
22
50
45
70
60
25
22
50
45
70
60
25
22
50
45
70
60
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
30. Measured using a 500 mV source, 50% duty cycle clock source. All loading with 50
W to VCC−2.0 V. Input edge rates 40 ps (20% − 80%).
31. tSKEW = |tPLH−tPHL| for a nominal 50% differential clock input waveform. See Figure 10.
32. VINPP(MAX) cannot exceed VCC − VEE (applicable only when VCC − VEE t 2600 mV).
33. Conditions include input amplitude of 500 mV and VCTRL = VCC − 2 V. Minimum output amplitude guarantee of 100 mV (see Output P−P
Spec in Figure 9).


유사한 부품 번호 - NBSG16VSBAEVB

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NBSG16 ONSEMI-NBSG16 Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG16 ONSEMI-NBSG16 Datasheet
160Kb / 12P
   SiGe Differential Receiver/Driver
June, 2014 ??Rev. 20
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NBSG16BA ONSEMI-NBSG16BA Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
More results

유사한 설명 - NBSG16VSBAEVB

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EP16VS ONSEMI-MC100EP16VS Datasheet
167Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing
December, 2006 ??Rev. 5
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
logo
Micrel Semiconductor
SY100EL16VS MICREL-SY100EL16VS_07 Datasheet
95Kb / 6P
   5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY100EL16VS MICREL-SY100EL16VS Datasheet
76Kb / 6P
   5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
logo
Semtech Corporation
SK10EL16VD SEMTECH-SK10EL16VD Datasheet
146Kb / 9P
   Differential Receiver with Variable Output Swing
logo
ON Semiconductor
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
logo
Micrel Semiconductor
SY100EP16VS MICREL-SY100EP16VS Datasheet
475Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
logo
Arizona Microtek, Inc
AZ100EP16VS AZM-AZ100EP16VS_12 Datasheet
505Kb / 11P
   LVPECL Differential Receiver with Variable Output Swing
logo
Micrel Semiconductor
SY100EL16S MICREL-SY100EL16S Datasheet
87Kb / 5P
   5V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
logo
List of Unclassifed Man...
AZ100EL16VS ETC2-AZ100EL16VS_06 Datasheet
94Kb / 8P
   ECL/PECL Differential Receiver with Variable Output Swing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com