전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT89C5130A-M 데이터시트(PDF) 73 Page - ATMEL Corporation

부품명 AT89C5130A-M
상세설명  8-bit Flash Microcontroller with Full Speed USB Device
Download  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-M 데이터시트(HTML) 73 Page - ATMEL Corporation

Back Button AT89C5130A-M_06 Datasheet HTML 69Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 70Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 71Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 72Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 73Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 74Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 75Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 76Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 186 page
background image
73
AT89C5130A/31A-M
4337G–USB–11/06
Example of computed value when X2 = 1, SMOD1 = 1, SPD = 1
Example of computed value when X2 = 0, SMOD1 = 0, SPD = 0
The baud rate generator can be used for mode 1 or 3 (refer to Figure 37.), but also for
mode 0 for UART, thanks to the bit SRC located in BDRCON register (Table 59.)
UART Registers
SADEN - Slave Address Mask Register for UART (B9h)
Reset Value = 0000 0000b
SADDR - Slave Address Register for UART (A9h)
Reset Value = 0000 0000b
SBUF - Serial Buffer Register for UART (99h)
Reset Value = XXXX XXXXb
Baud Rates
F
OSC = 16.384 MHz
F
OSC = 24 MHz
BRL
Error (%)
BRL
Error (%)
115200
247
1.23
243
0.16
57600
238
1.23
230
0.16
38400
229
1.23
217
0.16
28800
220
1.23
204
0.16
19200
203
0.63
178
0.16
9600
149
0.31
100
0.16
4800
43
1.23
-
-
Baud Rates
F
OSC = 16.384 MHz
F
OSC = 24 MHz
BRL
Error (%)
BRL
Error (%)
4800
247
1.23
243
0.16
2400
238
1.23
230
0.16
1200
220
1.23
202
3.55
600
185
0.16
152
0.16
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0


유사한 부품 번호 - AT89C5130A-M_06

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
AT89C5130A-M ATMEL-AT89C5130A-M_08 Datasheet
1Mb / 188P
   8-bit Flash Microcontroller with Full Speed USB Device
More results

유사한 설명 - AT89C5130A-M_06

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
AT89C5130A-M ATMEL-AT89C5130A-M_08 Datasheet
1Mb / 188P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L Datasheet
2Mb / 184P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L_07 Datasheet
1Mb / 186P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131 ATMEL-AT89C5131 Datasheet
2Mb / 176P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L_06 Datasheet
2Mb / 185P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5130A-M ATMEL-AT89C5130A-M Datasheet
2Mb / 184P
   8-bit Flash Microcontroller with Full Speed USB Device
AT83C5134 ATMEL-AT83C5134 Datasheet
1Mb / 171P
   8-bit Microcontroller with Full Speed USB Device
logo
NEC
UPD78F0730MC-CAB-AX NEC-UPD78F0730MC-CAB-AX Datasheet
426Kb / 2P
   8-Bit Microcontroller with Full-Speed USB 2.0
logo
Sanyo Semicon Device
LC87F1A32A SANYO-LC87F1A32A_09 Datasheet
181Kb / 26P
   8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1M16A SANYO-LC87F1M16A Datasheet
199Kb / 32P
   8-bit 1-chip Microcontroller with Full-Speed USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com