전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AT89C5130A-M 데이터시트(PDF) 29 Page - ATMEL Corporation

부품명 AT89C5130A-M
상세설명  8-bit Flash Microcontroller with Full Speed USB Device
Download  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-M 데이터시트(HTML) 29 Page - ATMEL Corporation

Back Button AT89C5130A-M_06 Datasheet HTML 25Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 26Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 27Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 28Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 29Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 30Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 31Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 32Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 186 page
background image
29
AT89C5130A/31A-M
4337G–USB–11/06
Table 33.
External Data Memory Interface Signals
External Bus Cycles
This section describes the bus cycles the AT89C5130A/31A-M executes to fetch code
(see Figure 15) in the external program/code memory.
External memory cycle takes 6 CPU clock periods. This is equivalent to 12 oscillator
clock periods in standard mode or 6 oscillator clock periods in X2 mode. For further
information on X2 mode (see the clock Section).
For simplicity, the accompanying figure depicts the bus cycle waveforms in idealized
form and do not provide precise timing information.
Figure 15.
External Code Fetch Waveforms
Flash Memory
Architecture
AT89C5130A/31A-M features two on-chip Flash memories:
•Flash memory FM0:
containing 32 Kbytes of program memory (user space) organized into 128-byte
pages,
•Flash memory FM1:
3 Kbytes for bootloader and Application Programming Interfaces (API).
The FM0 supports both parallel programming and Serial In-System Programming (ISP)
whereas FM1 supports only parallel programming by programmers. The ISP mode is
detailed in the “In-System Programming” section.
All Read/Write access operations on Flash memory by user application are managed by
a set of API described in the “In-System Programming” section.
Signal
Name
Type
Description
Alternate
Function
A15:8
O
Address Lines
Upper address lines for the external bus.
P2.7:0
AD7:0
I/O
Address/Data Lines
Multiplexed lower address lines and data for the external memory.
P0.7:0
ALE
O
Address Latch Enable
ALE signals indicates that valid address information are available on lines
AD7:0.
-
PSEN
O
Program Store Enable Output
This signal is active low during external code fetch or external code read
(MOVC instruction).
-
ALE
P0
P2
PSEN
PCL
PCH
PCH
PCL
D7:0
D7:0
PCH
D7:0
CPU Clock


유사한 부품 번호 - AT89C5130A-M_06

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
AT89C5130A-M ATMEL-AT89C5130A-M_08 Datasheet
1Mb / 188P
   8-bit Flash Microcontroller with Full Speed USB Device
More results

유사한 설명 - AT89C5130A-M_06

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
AT89C5130A-M ATMEL-AT89C5130A-M_08 Datasheet
1Mb / 188P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L Datasheet
2Mb / 184P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L_07 Datasheet
1Mb / 186P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131 ATMEL-AT89C5131 Datasheet
2Mb / 176P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L_06 Datasheet
2Mb / 185P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5130A-M ATMEL-AT89C5130A-M Datasheet
2Mb / 184P
   8-bit Flash Microcontroller with Full Speed USB Device
AT83C5134 ATMEL-AT83C5134 Datasheet
1Mb / 171P
   8-bit Microcontroller with Full Speed USB Device
logo
NEC
UPD78F0730MC-CAB-AX NEC-UPD78F0730MC-CAB-AX Datasheet
426Kb / 2P
   8-Bit Microcontroller with Full-Speed USB 2.0
logo
Sanyo Semicon Device
LC87F1A32A SANYO-LC87F1A32A_09 Datasheet
181Kb / 26P
   8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1M16A SANYO-LC87F1M16A Datasheet
199Kb / 32P
   8-bit 1-chip Microcontroller with Full-Speed USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com