전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYM358X 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 BYM358X
상세설명  Damper-Modulator fast, high-voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM358X 데이터시트(HTML) 4 Page - NXP Semiconductors

  BYM358X Datasheet HTML 1Page - NXP Semiconductors BYM358X Datasheet HTML 2Page - NXP Semiconductors BYM358X Datasheet HTML 3Page - NXP Semiconductors BYM358X Datasheet HTML 4Page - NXP Semiconductors BYM358X Datasheet HTML 5Page - NXP Semiconductors BYM358X Datasheet HTML 6Page - NXP Semiconductors BYM358X Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
Damper-Modulator
BYM358X
fast, high-voltage
Fig.1. Definition of t
rr, Qs and Irrm
Modulator
Fig.2. Definition of t
rr, Qs and Irrm
Damper
Fig.3. Modulator maximum I
rrm at Tj = 100˚C
Fig.4. Definition of V
fr
Fig.5. Modulator maximum Q
s at Tj = 25˚C and 150˚C
Fig.6. Modulator typical junction capacitance C
d at
f = 1 MHz
; Tj = 25˚C
Q
s
100%
10%
time
dI
dt
F
I
R
I
F
I
rrm
t
rr
time
time
V F
V
fr
V F
I
F
100%
time
dI
dt
F
I
R
I
F
I
rrm
trr
25%
Qs
Qs / nC
1
10
100
1000
110
100
-diF / dt
IF=2A
10A
2A
10A
25 C
150 C
10
1
0.1
0.01
Irrm / A
1
10
100
-dIF/dt (A/us)
IF=1A
IF=10A
Tj = 25 C
Tj = 100 C
Cd / pF
1
10
100
1
10
100
1000
VR / V
March 2000
4
Rev 1.000


유사한 부품 번호 - BYM358X

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BYM358DX PHILIPS-BYM358DX Datasheet
54Kb / 7P
   Damper-Modulator fast, high-voltage
March 2000 Rev 1.000
More results

유사한 설명 - BYM358X

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BYM357DX PHILIPS-BYM357DX Datasheet
51Kb / 7P
   Damper-Modulator fast, high-voltage
February 2000 Rev 1.100
BYM357X PHILIPS-BYM357X Datasheet
50Kb / 7P
   Damper-Modulator fast, high-voltage
February 2000 Rev 1.100
BYM358DX PHILIPS-BYM358DX Datasheet
54Kb / 7P
   Damper-Modulator fast, high-voltage
March 2000 Rev 1.000
BY329X-1500 PHILIPS-BY329X-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359F-1500 PHILIPS-BY359F-1500 Datasheet
37Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
logo
Frontier Electronics.
BY329X-1500 FRONTIER-BY329X-1500 Datasheet
62Kb / 2P
   DAMPER DIODE FAST , HIGH VOLTAGE
logo
NXP Semiconductors
BY559-1500U PHILIPS-BY559-1500U Datasheet
15Kb / 3P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com