전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8370ARE-REEL7 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD8370ARE-REEL7
상세설명  LF to 750 MHz, Digitally Controlled VGA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8370ARE-REEL7 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD8370ARE-REEL7 Datasheet HTML 5Page - Analog Devices AD8370ARE-REEL7 Datasheet HTML 6Page - Analog Devices AD8370ARE-REEL7 Datasheet HTML 7Page - Analog Devices AD8370ARE-REEL7 Datasheet HTML 8Page - Analog Devices AD8370ARE-REEL7 Datasheet HTML 9Page - Analog Devices AD8370ARE-REEL7 Datasheet HTML 10Page - Analog Devices AD8370ARE-REEL7 Datasheet HTML 11Page - Analog Devices AD8370ARE-REEL7 Datasheet HTML 12Page - Analog Devices AD8370ARE-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD8370
Rev. A | Page 9 of 28
34
32
30
28
26
24
22
20
18
16
14
24
22
20
18
16
14
12
10
8
6
4
0
400
350
300
250
200
150
100
50
FREQUENCY (MHz)
+85
°C
–40
°C
+25
°C
Figure 16. Output Third-Order Intercept vs. Frequency at Maximum Gain,
RL = 1 kΩ, VOUT = 2 V p-p Composite Differential
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
FREQUENCY (MHz)
10
100
1000
ERROR AT –40°C AND +85°C WITH RESPECT TO +25°C.
SHADING INDICATES ±3
σ FROM THE MEAN. DATA
BASED ON 30 PARTS FROM ONE BATCH LOT.
–40°C
+85°C
Figure 17. Gain Error over Temperature vs. Frequency, RL = 1 kΩ
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
20
40
60
80
100
120
140
GAIN CODE
HIGH GAIN, RL = 1kΩ
LOW GAIN, RL = 1kΩ
LOW GAIN, RL = 100Ω
HIGH GAIN, RL = 100Ω
Figure 18. Second-Order Harmonic Distortion vs. Gain Code at 70 MHz,
VOUT = 2 V p-p Differential
1GHz
5MHz
S22
S11
0
180
30
330
60
90
270
300
120
240
150
210
Figure 19. Input and Output Reflection Coefficients, S11 and S22,
ZO = 100 Ω Differential
0
50
100
150
200
250
–150
–100
–50
0
50
100
0
100
200
300
400
500
600
700
FREQUENCY (MHz)
16 DIFFERENT GAIN
CODES REPRESENTED
R+jX FORMAT
Figure 20. Input Resistance and Reactance vs. Frequency
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
20
40
60
80
100
120
140
GAIN CODE
LOW GAIN RL = 100Ω
LOW GAIN RL = 1kΩ
HIGH GAIN RL = 100Ω
HIGH GAIN RL = 1kΩ
Figure 21. Third-Order Harmonic Distortion vs. Gain Code at 70 MHz,
VOUT = 2 V p-p Differential


유사한 부품 번호 - AD8370ARE-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8370ARE-REEL7 AD-AD8370ARE-REEL7 Datasheet
1Mb / 28P
   LF to 750 MHz Digitally Controlled VGA
REV. 0
AD8370ARE-REEL7 AD-AD8370ARE-REEL7 Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
More results

유사한 설명 - AD8370ARE-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8370 AD-AD8370_15 Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370-EVALZ AD-AD8370-EVALZ Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370ARE AD-AD8370ARE Datasheet
1Mb / 28P
   LF to 750 MHz Digitally Controlled VGA
REV. 0
AD8369 AD-AD8369 Datasheet
968Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369 AD-AD8369_15 Datasheet
809Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369ARUZ AD-AD8369ARUZ Datasheet
809Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
ADL5243 AD-ADL5243 Datasheet
1Mb / 32P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. A
ADL5240 AD-ADL5240_13 Datasheet
1Mb / 28P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
ADL5240 AD-ADL5240 Datasheet
1Mb / 24P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. 0
AD8369 AD-AD8369_17 Datasheet
856Kb / 24P
   45 dB Digitally Controlled VGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com