전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYM99 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 BYM99
상세설명  Ultra fast low-loss controlled avalanche rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM99 데이터시트(HTML) 6 Page - NXP Semiconductors

  BYM99 Datasheet HTML 1Page - NXP Semiconductors BYM99 Datasheet HTML 2Page - NXP Semiconductors BYM99 Datasheet HTML 3Page - NXP Semiconductors BYM99 Datasheet HTML 4Page - NXP Semiconductors BYM99 Datasheet HTML 5Page - NXP Semiconductors BYM99 Datasheet HTML 6Page - NXP Semiconductors BYM99 Datasheet HTML 7Page - NXP Semiconductors BYM99 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1996 Feb 19
6
Philips Semiconductors
Product specification
Ultra fast low-loss
controlled avalanche rectifier
BYM99
VR =VRRMmax.
Fig.8
Reverse current as a function of junction
temperature; maximum values.
handbook, halfpage
200
0
1
MGC547
10
10
IR
2
100
Tj ( C)
(
µA)
o
f = 1 MHz; Tj =25 °C.
Fig.9
Diode capacitance as a function of reverse
voltage; typical values.
handbook, halfpage
1
MGC548
10
10
VR (V)
2
10
3
10
10
(pF)
Cd
2
Fig.10 Device mounted on a printed-circuit board.
Dimensions in mm.
handbook, halfpage
MGA200
3
2
7
50
25
50
Fig.11 Reverse recovery definitions.
ndbook, halfpage
10%
100%
dI
dt
t
trr
IF
IR
MGC499
F
dI
dt
R


유사한 부품 번호 - BYM99

제조업체부품명데이터시트상세설명
logo
General Semiconductor
BYM07-100 GE-BYM07-100 Datasheet
85Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST EFFICIENT RECTIFIER
logo
Vishay Siliconix
BYM07-100 VISHAY-BYM07-100 Datasheet
49Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
03-Apr-03
BYM07-100 VISHAY-BYM07-100 Datasheet
109Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 27-Aug-08
BYM07-100 VISHAY-BYM07-100 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
logo
Shenzhen Luguang Electr...
BYM07-100 LUGUANG-BYM07-100 Datasheet
328Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
More results

유사한 설명 - BYM99

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BYV99 PHILIPS-BYV99 Datasheet
53Kb / 8P
   Ultra fast low-loss controlled avalanche rectifier
1996 Feb 19
BYW28 PHILIPS-BYW28 Datasheet
83Kb / 12P
   Ultra fast low-loss controlled avalanche rectifier
1997 Nov 26
BYV27 PHILIPS-BYV27 Datasheet
110Kb / 16P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
BYD71 PHILIPS-BYD71 Datasheet
76Kb / 11P
   Ultra fast low-loss controlled avalanche rectifiers
1996 Sep 19
BYG80 PHILIPS-BYG80 Datasheet
104Kb / 20P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 25
logo
EIC discrete Semiconduc...
BYD77AA EIC-BYD77AA Datasheet
113Kb / 3P
   ULTRA FAST LOW-LOSS CONTROLLED AVALANCHE RECTIFIERS
logo
NXP Semiconductors
ES1 PHILIPS-ES1 Datasheet
52Kb / 8P
   Ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
BYD72 PHILIPS-BYD72 Datasheet
55Kb / 8P
   Ultra fast low-loss controlled avalanche rectifiers
1998 Dec 03
BYD77 PHILIPS-BYD77 Datasheet
82Kb / 12P
   Ultra fast low-loss controlled avalanche rectifiers
1999 Nov 15
logo
New Jersey Semi-Conduct...
BYD73 NJSEMI-BYD73 Datasheet
105Kb / 3P
   Ultra fast low-loss controlled avalanche rectifiers
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com