전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD829AR-REEL 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD829AR-REEL
상세설명  High Speed, Low Noise Video Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD829AR-REEL 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD829AR-REEL Datasheet HTML 4Page - Analog Devices AD829AR-REEL Datasheet HTML 5Page - Analog Devices AD829AR-REEL Datasheet HTML 6Page - Analog Devices AD829AR-REEL Datasheet HTML 7Page - Analog Devices AD829AR-REEL Datasheet HTML 8Page - Analog Devices AD829AR-REEL Datasheet HTML 9Page - Analog Devices AD829AR-REEL Datasheet HTML 10Page - Analog Devices AD829AR-REEL Datasheet HTML 11Page - Analog Devices AD829AR-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. G
–8–
AD829
400
350
300
250
200
150
100
AV = +20
SLEW RATE 10% to 90%
60
–20
–0
20
40
60
80 100
140
40
120
TEMPERATURE ( C)
VS = 5V
VS = 15V
RISE
FALL
RISE
FALL
TPC 19. Slew Rate vs. Temperature
0.05
0.04
5
10
15
0.03
SUPPLY VOLTAGE (V)
0.02
0.01
0.03
DIFF PHASE
0.043
DIFF GAIN
TPC 20. Differential Gain and Phase
vs. Supply
+VS
0.1 F
CCOMP
(EXTERNAL)
–VS
0.1 F
OFFSET
NULL
ADJUST
20k
AD829
Figure 2. Offset Null and
External Shunt Compensation
Connections
5pF
300
300
50
HP8130A
5ns RISE TIME
50
CABLE
TEKTRONIX
TYPE 7A24
PREAMP
+15V
0.1 F
CCOMP
15pF
–15V
0.1 F
AD829
50
CABLE
50
50
Figure 3a. Follower Connection. Gain = +2
Figure 3b. Gain-of-2 Follower
Large Signal Pulse Response
Figure 3c. Gain-of-2 Follower Small
Signal Pulse Response


유사한 부품 번호 - AD829AR-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD829AR-REEL AD-AD829AR-REEL Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829AR-REEL AD-AD829AR-REEL Datasheet
385Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829AR-REEL AD-AD829AR-REEL Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD829AR-REEL7 AD-AD829AR-REEL7 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829AR-REEL7 AD-AD829AR-REEL7 Datasheet
385Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
More results

유사한 설명 - AD829AR-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD829 AD-AD829_11 Datasheet
385Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
   Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
   Dual High Speed, Low Noise Op Amp
REV. C
logo
Linear Technology
RH37C LINER-RH37C_15 Datasheet
106Kb / 2P
   Low Noise, High Speed Precision Op Amp
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
   Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com