전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8138AR-REEL 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD8138AR-REEL
상세설명  Low Distortion Differential ADC Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8138AR-REEL 데이터시트(HTML) 1 Page - Analog Devices

  AD8138AR-REEL Datasheet HTML 1Page - Analog Devices AD8138AR-REEL Datasheet HTML 2Page - Analog Devices AD8138AR-REEL Datasheet HTML 3Page - Analog Devices AD8138AR-REEL Datasheet HTML 4Page - Analog Devices AD8138AR-REEL Datasheet HTML 5Page - Analog Devices AD8138AR-REEL Datasheet HTML 6Page - Analog Devices AD8138AR-REEL Datasheet HTML 7Page - Analog Devices AD8138AR-REEL Datasheet HTML 8Page - Analog Devices AD8138AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Distortion
Differential ADC Driver
AD8138
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Easy to use, single-ended-to-differential conversion
Adjustable output common-mode voltage
Externally adjustable gain
Low harmonic distortion
−94 dBc SFDR @ 5 MHz
−85 dBc SFDR @ 20 MHz
−3 dB bandwidth of 320 MHz, G = +1
Fast settling to 0.01% of 16 ns
Slew rate 1150 V/μs
Fast overdrive recovery of 4 ns
Low input voltage noise of 5 nV/√Hz
1 mV typical offset voltage
Wide supply range +3 V to ±5 V
Low power 90 mW on 5 V
0.1 dB gain flatness to 40 MHz
Available in 8-Lead SOIC and MSOP packages
APPLICATIONS
ADC drivers
Single-ended-to-differential converters
IF and baseband gain blocks
Differential buffers
Line drivers
PIN CONFIGURATION
–IN 1
VOCM 2
V+ 3
+OUT 4
+IN
8
NC
7
V–
6
–OUT
5
NC = NO CONNECT
AD8138
Figure 1.
TYPICAL APPLICATION CIRCUIT
AIN
AIN
AVSS
499Ω
499Ω
499Ω
499Ω
5V
5V
AD8138
+
DIGITAL
OUTPUTS
VOCM
VIN
ADC
VREF
AVDD
DVDD
Figure 2.
GENERAL DESCRIPTION
The AD8138 is a major advancement over op amps for
differential signal processing. The AD8138 can be used as a
single-ended-to-differential amplifier or as a differential-to-
differential amplifier. The AD8138 is as easy to use as an op
amp and greatly simplifies differential signal amplification and
driving. Manufactured on ADI’s proprietary XFCB bipolar
process, the AD8138 has a −3 dB bandwidth of 320 MHz and
delivers a differential signal with the lowest harmonic distortion
available in a differential amplifier. The AD8138 has a unique
internal feedback feature that provides balanced output gain
and phase matching, suppressing even order harmonics. The
internal feed-back circuit also minimizes any gain error that
would be associated with the mismatches in the external gain
setting resistors.
The AD8138’s differential output helps balance the input to
differential ADCs, maximizing the performance of the ADC.
The AD8138 eliminates the need for a transformer with high
performance ADCs, preserving the low frequency and dc infor-
mation. The common-mode level of the differential output is
adjustable by a voltage on the VOCM pin, easily level-shifting the
input signals for driving single-supply ADCs. Fast overload
recovery preserves sampling accuracy.
The AD8138 distortion performance makes it an ideal ADC
driver for communication systems, with distortion performance
good enough to drive state-of-the-art 10-bit to 16-bit converters
at high frequencies. The AD8138’s high bandwidth and IP3 also
make it appropriate for use as a gain block in IF and baseband
signal chains. The AD8138 offset and dynamic performance
makes it well suited for a wide variety of signal processing and
data acquisition applications.
The AD8138 is available in both SOIC and MSOP packages for
operation over −40°C to +85°C temperatures.


유사한 부품 번호 - AD8138AR-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8138AR-REEL AD-AD8138AR-REEL Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
AD8138AR-REEL AD-AD8138AR-REEL Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
AD8138AR-REEL7 AD-AD8138AR-REEL7 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
AD8138AR-REEL7 AD-AD8138AR-REEL7 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
More results

유사한 설명 - AD8138AR-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
ADA4938-1 AD-ADA4938-1_07 Datasheet
298Kb / 14P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrD
ADA4937-1 AD-ADA4937-1 Datasheet
248Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
ADA4938-1 AD-ADA4938-1_06 Datasheet
278Kb / 9P
   Ultra-Low Distortion Differential ADC Driver
Rev. PrA
ADA4960-1 AD-ADA4960-1 Datasheet
115Kb / 6P
   Low Distortion Ultrahigh Speed Differential ADC Driver
Rev. PrB
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
ADA4938-1 AD-ADA4938-1_16 Datasheet
598Kb / 26P
   Ultralow Distortion Differential ADC Driver
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com