전자부품 데이터시트 검색엔진 |
|
AD8302ARU 데이터시트(PDF) 10 Page - Analog Devices |
|
AD8302ARU 데이터시트(HTML) 10 Page - Analog Devices |
10 / 24 page REV. A AD8302 –10– PHASE DIFFERENCE – Degrees –180 –140 1.8 –100 –60 –20 20 60 100 140 180 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 900MHz 100MHz 1900MHz 2200MHz 2700MHz TPC 25. Phase Output (VPHS) vs. Input Phase Difference, Input Levels –30 dBm, Frequencies 100 MHz, 900 MHz, 1900 MHz, 2200 MHz, Supply 5 V, 2700 MHz PHASE DIFFERENCE – Degrees –180 –150 1.80 –120 –90 –60 –30 0 306090 1.62 1.44 1.26 1.08 0.90 0.72 0.54 0.36 0.00 120 150 180 0.18 10 8 6 4 2 0 –2 –4 –6 –10 –8 TPC 26. VPHS Output and Nonlinearity vs. Input Phase Difference, Input Levels –30 dBm, Frequency 100 MHz PHASE DIFFERENCE – Degrees –180 –150 1.80 –120 –90 –60 –30 0 306090 1.62 1.44 1.26 1.08 0.90 0.72 0.54 0.36 0.00 120 150 180 0.18 10 8 6 4 2 0 –2 –4 –6 –10 –8 TPC 27. VPHS Output and Nonlinearity vs. Input Phase Difference, Input Levels –30 dBm, Frequency 900 MHz PHASE DIFFERENCE – Degrees –180 –150 1.80 –120 –90 –60 –30 0 306090 1.62 1.44 1.26 1.08 0.90 0.72 0.54 0.36 0.00 120 150 180 0.18 10 8 6 4 2 0 –2 –4 –6 –10 –8 TPC 28. VPHS Output and Nonlinearity vs. Input Phase Difference, Input Levels –30 dBm, Frequency 1900 MHz PHASE DIFFERENCE – Degrees –180 –150 1.80 –120 –90 –60 –30 0 306090 1.62 1.44 1.26 1.08 0.90 0.72 0.54 0.36 0.00 120 150 180 0.18 10 8 6 4 2 0 –2 –4 –6 –10 –8 TPC 29. VPHS Output and Nonlinearity vs. Input Phase Difference, Input Levels –30 dBm, Frequency 2200 MHz PHASE DIFFERENCE – Degrees –180 –150 10 –120 –90 –60 –30 0 306090 8 6 4 2 0 –2 –4 –6 –10 120 150 180 –8 –40 C +85 C +25 C TPC 30. Distribution of VPHS Error vs. Input Phase Differ- ence, Three Sigma to Either Side of Mean, Frequency 900 MHz, –40 C, +25 C, and +85 C, Input Levels –30 dBm |
유사한 부품 번호 - AD8302ARU |
|
유사한 설명 - AD8302ARU |