전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8315CSURF 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD8315CSURF
상세설명  50 dB GSM PA Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8315CSURF 데이터시트(HTML) 4 Page - Analog Devices

  AD8315CSURF Datasheet HTML 1Page - Analog Devices AD8315CSURF Datasheet HTML 2Page - Analog Devices AD8315CSURF Datasheet HTML 3Page - Analog Devices AD8315CSURF Datasheet HTML 4Page - Analog Devices AD8315CSURF Datasheet HTML 5Page - Analog Devices AD8315CSURF Datasheet HTML 6Page - Analog Devices AD8315CSURF Datasheet HTML 7Page - Analog Devices AD8315CSURF Datasheet HTML 8Page - Analog Devices AD8315CSURF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8315
Rev. C | Page 4 of 24
Parameter
Conditions
Min
Typ
Max
Unit
POWER INTERFACE
Pin VPOS
Supply Voltage
2.7
5.5
V
Quiescent Current
ENBL high
8.5
10.7
mA
Over Temperature
−30°C ≤ TA ≤ +85°C
12.9
mA
Disable Current6
ENBL low
4
10
μA
Over Temperature
−30°C ≤ TA ≤ +85°C
13
μA
1 Operation down to 0.02 GHz is possible.
2 Mean and standard deviation specifications are available in Table 2
3 See Figure 11 for plot of input impedance vs. frequency.
4 This parameter is guaranteed but not tested in production. Limit is −3 sigma from the mean.
5 Response time in a closed-loop system depends on the filter capacitor (CFLT) used and the response of the variable gain element.
6 This parameter is guaranteed but not tested in production. Maximum specified limit on this parameter is the 6 sigma value.
Table 2. Typical Specifications at Selected Frequencies at 25°C (Mean and Sigma)
±1 dB Dynamic Range
Slope (mV/dB)
Intercept (dBV)
Low Point (dBV)
High Point (dBV)
Frequency (GHz)
Mean
Sigma
Mean
Sigma
Mean
Sigma
Mean
Sigma
0.1
23.8
0.3
−70.1
1.8
−57.7
1.3
−10.6
0.8
0.9
23.2
0.4
−72.6
1.8
−61.0
1.3
−11.2
0.8
1.9
22.2
0.3
−73.8
1.6
−62.9
0.9
−18.5
1.7
2.5
22.3
0.4
−75.6
1.5
−64.0
1.1
−20.0
1.7


유사한 부품 번호 - AD8315CSURF

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8315 AD-AD8315 Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315 AD-AD8315 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8315-EVAL AD-AD8315-EVAL Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315ACP-EVAL AD-AD8315ACP-EVAL Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315ACP-EVALZ AD-AD8315ACP-EVALZ Datasheet
447Kb / 22P
   50 dB GSM PA Controller
More results

유사한 설명 - AD8315CSURF

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8315 AD-AD8315 Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8311 AD-AD8311 Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
   50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8316 AD-AD8316 Datasheet
497Kb / 20P
   Dual Output GSM PA Controller
REV. C
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
   GSM Telemetry Controller
logo
Fairchild Semiconductor
RMPA1852 FAIRCHILD-RMPA1852 Datasheet
464Kb / 11P
   Quad-Band GSM/EDGE PA Module
logo
Skyworks Solutions Inc.
SKY77340 SKYWORKS-SKY77340 Datasheet
537Kb / 27P
   PA Module for Quad-Band GSM / EDGE
SKY77344 SKYWORKS-SKY77344 Datasheet
71Kb / 2P
   PA Module for Quad-Band GSM / EDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com