전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDFS8A-2338B-11A 데이터시트(PDF) 4 Page - TOKO, Inc

부품명 TDFS8A-2338B-11A
상세설명  TDF series for Automotive & Satellite Radio
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOKO [TOKO, Inc]
홈페이지  http://www.toko.com
Logo TOKO - TOKO, Inc

TDFS8A-2338B-11A 데이터시트(HTML) 4 Page - TOKO, Inc

  TDFS8A-2338B-11A Datasheet HTML 1Page - TOKO, Inc TDFS8A-2338B-11A Datasheet HTML 2Page - TOKO, Inc TDFS8A-2338B-11A Datasheet HTML 3Page - TOKO, Inc TDFS8A-2338B-11A Datasheet HTML 4Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PRECAUTIONS AND RECOMMENDED SOLDERING CONDITIONS FOR USING
DIELECTRIC FILTERS SURFACE MOUNT TYPE
実装
づけ
誘電体フィルタご使用上の注意・推奨はんだ付け条件
1. Reflow solder conditions
•Solderability
When flux-mounted terminals are immersed in
solder at following conditions, at least 95% of the
surface should be covered by solder.
Conditins
leaded process : 230±5°C for 3±0.5 seconds
lead free process : 260±5°C for 3±0.5 seconds
•Solder heat resistance
No abnomalities under solder conditions of
leaded process : 230±5°C for 5 seconds
lead free process : 260±5°C for 5 seconds
2. Rinsing
After Soldering, you should rinsing away the
excess flux. Any commercially available rinsing
agent may be used.
3. Other Precautions
Perform soldering at as low a temperature as
possible and for as short a time as possible.
Make sure that the silver electrode of resonators is
not covered by solder.
Avoid applying external forces to terminals such as
by bending or cutting them.
4. Iron Soldering
Perform iron soldering with iron at following
conditions.
Conditins
leaded process : 350±5°C for 5s. Max.
lead free process : 390±5°C for 5s. Max.
1. リフロはんだ条件
・ はんだ付け性
フラックス付けした端子部を以下の条件ではんだ中に
浸漬し95%以上の面積がはんだで覆われること。
条件
有鉛品   : 230±5℃のはんだ中に3±0.5秒浸漬
鉛フリー品 : 245±5℃のはんだ中に3±0.5秒浸漬
・ はんだ耐熱性
以下のはんだ付け条件で異常のないこと。
有鉛品   : 230±5℃、5秒間
鉛フリー品 : 260℃、5秒間
2. 洗浄
はんだ付け後のフラックスの洗浄をして下さい。
洗浄液として一般的に使用されている全ての洗浄液が
使用できます。
3. その他留意事項
はんだ付けは極力低い温度で短時間で行って下さい。
共振器の銀電極にはんだが付着しないようにして下さ
い。
端子を曲げたり、切断するなど、端子部分に外力を加
えることは避けて下さい。
4. こてはんだ
有鉛半田  : こて先温度350℃以下、加熱時間5秒
以内、1回
無鉛半田  : こて先温度390±10℃、加熱時間5秒
以内、1回
Temperature profile (land seface temperature)
温度プロファイル
(ランド部表面温度)
*1
*2
*3
*4
230
150
180
190
210
260
150
180
220
240
*1
*2
*3
*4
for lead free process
for leaded process
Pre-heat conditions
予熱部
*1:150∼160℃ 60s. Max.
*1:150∼160℃  60秒以内
Reflow conditions
リフロ部
*2:160℃ Min. 45s. Max.
*2:160℃以上 45秒以内
*3:200℃ Min. 30s. Max.
*3:200℃以上 30秒以内
*4:230±5℃ 5s. Max.
*4:230±5℃ 5秒以内
Pre-heat conditions
予熱部
*1:150∼180℃ 120s. Max.
*1:150∼180℃  120秒以内
Reflow conditions
リフロ部
*2:180℃ Min. 150s. Max.
*2:180℃以上 150秒以内
*3:230℃ Min. 40s. Max.
*3:230℃以上 40秒以内
*4:255±5℃ 5s. Max.
*4:255±5℃ 5秒以内


유사한 부품 번호 - TDFS8A-2338B-11A

제조업체부품명데이터시트상세설명
logo
TOKO, Inc
TDFS8A-2450T-13A TOKO-TDFS8A-2450T-13A Datasheet
210Kb / 4P
   TDF series for Wireless LAN
More results

유사한 설명 - TDFS8A-2338B-11A

제조업체부품명데이터시트상세설명
logo
Soshin electric Co., Lt...
DBF71A012 SOSHIN-DBF71A012 Datasheet
100Kb / 2P
   Satellite Radio
logo
Tyco Electronics
MAANIN0040 MACOM-MAANIN0040 Datasheet
107Kb / 1P
   Automotive Roof MountSirius Satellite Digital Radio Antenna
logo
Ultralife Corporation.
A-301-150 ULTRALIFE-A-301-150 Datasheet
744Kb / 2P
   Satellite Radio Combiner
5/28/14
logo
Soshin electric Co., Lt...
DBF71A007 SOSHIN-DBF71A007 Datasheet
100Kb / 2P
   XM Satellite Radio
logo
Tyco Electronics
MAANIN0050 MACOM-MAANIN0050 Datasheet
106Kb / 1P
   Automotive Roof Mount XM Satellite Digital Radio Antenna
MAANIN0055 MACOM-MAANIN0055 Datasheet
113Kb / 1P
   Automotive Roof Mount Sirius Satellite Digital Radio Antenna
logo
EPCOS
B1647 EPCOS-B1647 Datasheet
53Kb / 7P
   SAW filter Satellite radio
logo
TOKO, Inc
TDF2A-2450T-10A TOKO-TDF2A-2450T-10A Datasheet
210Kb / 4P
   TDF series for Wireless LAN
logo
California Eastern Labs
UPG2310TK CEL-UPG2310TK Datasheet
269Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER FOR SATELLITE RADIO
logo
EPCOS
B1730 EPCOS-B1730 Datasheet
90Kb / 10P
   SAW IF filter Satellite radio
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com