전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NCV4279 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 NCV4279
상세설명  5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV4279 데이터시트(HTML) 4 Page - ON Semiconductor

  NCV4279_05 Datasheet HTML 1Page - ON Semiconductor NCV4279_05 Datasheet HTML 2Page - ON Semiconductor NCV4279_05 Datasheet HTML 3Page - ON Semiconductor NCV4279_05 Datasheet HTML 4Page - ON Semiconductor NCV4279_05 Datasheet HTML 5Page - ON Semiconductor NCV4279_05 Datasheet HTML 6Page - ON Semiconductor NCV4279_05 Datasheet HTML 7Page - ON Semiconductor NCV4279_05 Datasheet HTML 8Page - ON Semiconductor NCV4279_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NCV4279
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (TJ = −40°C ≤ TJ ≤ 125°C, VI = 13.5 V unless otherwise specified)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
REGULATOR
Output Voltage
VQ
1 mA
v IQ v 100 mA; 6 V v VI v 16 V
4.90
5.00
5.10
V
Current Limit
IQ
150
200
500
mA
Current Consumption; Iq = II – IQ
Iq
IQ = 1 mA, RO, SO High
150
250
mA
Current Consumption; Iq = II – IQ
Iq
IQ = 10 mA, RO, SO High
250
450
mA
Current Consumption; Iq = II – IQ
Iq
IQ = 50 mA, RO, SO High
2.0
3.0
mA
Dropout Voltage
Vdr
IQ = 100 mA (Note 5)
0.25
0.5
V
Load Regulation
DVQ
IQ = 5 mA to 100 mA
10
20
mV
Line Regulation
DVQ
VI = 6 V to 26 V; IQ = 1 mA
10
30
mV
RESET GENERATOR
Reset Switching Threshold
VRT
4.50
4.65
4.80
V
Reset Adjust Switching Threshold
VRAD,JTH
VQ > 3.5 V
1.26
1.35
1.44
V
Reset Output Saturation Voltage
VRO,SAT
VQ < VRT, RRO = 20 kW
0.1
0.4
V
Upper Delay Switching Threshold
VUD
1.4
1.8
2.2
V
Lower Delay Switching Threshold
VLD
0.3
0.45
0.60
V
Saturation Voltage on Delay Capacitor
VD,SAT
VQ < VRT
0.1
V
Charge Current
ID
VD = 1 V
3.0
6.5
9.5
mA
Delay Time L
³ H
td
CD = 100 nF
17
28
ms
Delay Time H
³ L
tt
CD = 100 nF
1.0
ms
INPUT VOLTAGE SENSE
Sense Threshold High
VSI, High
1.24
1.31
1.38
V
Sense Threshold Low
VSI, Low
1.16
1.20
1.28
V
Sense Output Saturation Voltage
VSO, Low
VSI < 1.20 V; VQ > 3 V; RSO = 20 kW
0.1
0.4
V
Sense Input Current
ISI
−1.0
0.1
1.0
mA
5. Dropout voltage = VI − VQ measured when the output voltage has dropped 100 mV from the nominal value obtained at 13.5 V input.


유사한 부품 번호 - NCV4279_05

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV4279A ONSEMI-NCV4279A Datasheet
181Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1
NCV4279A ONSEMI-NCV4279A Datasheet
162Kb / 15P
   Micropower 150 mA LDO Linear Regulator
May, 2013 ??Rev. 4
NCV4279A50D1G ONSEMI-NCV4279A50D1G Datasheet
181Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1
NCV4279A50D1G ONSEMI-NCV4279A50D1G Datasheet
162Kb / 15P
   Micropower 150 mA LDO Linear Regulator
May, 2013 ??Rev. 4
NCV4279A50D1R2G ONSEMI-NCV4279A50D1R2G Datasheet
181Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1
More results

유사한 설명 - NCV4279_05

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV4279A ONSEMI-NCV4279A Datasheet
181Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
October, 2009 ??Rev. 1
NCV4279C ONSEMI-NCV4279C Datasheet
123Kb / 14P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
May, 2015 ??Rev. 4
NCV4269A ONSEMI-NCV4269A Datasheet
219Kb / 17P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
December, 2009 ??Rev. 1
NCV4269C ONSEMI-NCV4269C Datasheet
156Kb / 16P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET and Sense Output
June, 2015 ??Rev. 3
NCV4269 ONSEMI-NCV4269 Datasheet
148Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
November, 2004 ??Rev. 5
NCV4269 ONSEMI-NCV4269_07 Datasheet
145Kb / 16P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Sense Output
February, 2007 ??Rev. 10
NCV8512 ONSEMI-NCV8512 Datasheet
98Kb / 10P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
December, 2006 ??Rev. 0
NCV4279B ONSEMI-NCV4279B Datasheet
102Kb / 12P
   5.0 V Micropower 150 mA LDO Linear Regulator with DELAY, Adjustable RESET, and Monitor FLAG
August, 2003 ??Rev. 1
NCV8502 ONSEMI-NCV8502 Datasheet
114Kb / 14P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
June, 2004 ??Rev. 19
NCV8502 ONSEMI-NCV8502_07 Datasheet
198Kb / 15P
   Micropower 150 mA LDO Linear Regulators with DELAY, Adjustable RESET, and Monitor FLAG
February, 2007 ??Rev. 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com